Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 313 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 313 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 309Page - Texas Instruments TMS320F Datasheet HTML 310Page - Texas Instruments TMS320F Datasheet HTML 311Page - Texas Instruments TMS320F Datasheet HTML 312Page - Texas Instruments TMS320F Datasheet HTML 313Page - Texas Instruments TMS320F Datasheet HTML 314Page - Texas Instruments TMS320F Datasheet HTML 315Page - Texas Instruments TMS320F Datasheet HTML 316Page - Texas Instruments TMS320F Datasheet HTML 317Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 389 page
background image
Instruction Set Comparison Table
A-17
TMS320C1x/C2x/C20x/C5x Instruction Set Comparison
Syntax
Description
5x
2xx
2x
1x
CNFP
√
√
√
Configure Block as Program Memory
Configure on-chip RAM block B0 as program memory.
Block B0 is mapped into program-memory locations
65280h–65535h.
TMS320C5x devices: Block B0 is mapped into
data-memory locations 65024h–65535h.
CONF
2-bit constant
√
Configure Block as Program Memory
Configure on-chip RAM block B0/B1/B2/B3 as
program memory. For information on the memory
mapping of B0/B1/B2/B3, see the
TMS320C2x User’s
Guide.
CPL
[ #
lk,] dma
CPL
[ #
lk,] {ind} [, next ARP]
√
√
Compare DBMR or Immediate With Data Value
Compare two quantities: If the two quantities are
equal, set the TC bit to 1; otherwise, clear the TC bit.
CRGT
√
Test for ACC > ACCB
Compare the contents of the ACC with the contents of
the ACCB, then load the larger signed value into both
registers and modify the carry bit according to the
comparison result. If the contents of ACC are greater
than or equal to the contents of ACCB, set the carry bit
to 1.
CRLT
√
Test for ACC < ACCB
Compare the contents of the ACC with the contents of
the ACCB, then load the smaller signed value into both
registers and modify the carry bit according to the
comparison result. If the contents of ACC are less than
the contents of ACCB, clear the carry bit.
DINT
√
√
√
√
Disable Interrupts
Disable all interrupts; set the INTM to 1. Maskable
interrupts are disabled immediately after the DINT
instruction executes. DINT does not disable the
unmaskable interrupt RS; DINT does not affect the
IMR.
DMOV
dma
DMOV {
ind} [, next ARP]
√
√
√
√
√
√
√
√
Data Move in Data Memory
Copy the contents of the addressed data-memory
location into the next higher address. DMOV moves
data only within on-chip RAM blocks.
TMS320C2x,
TMS320C20x,
and
TMS320C5x
devices: The on-chip RAM blocks are B0 (when
configured as data memory), B1, and B2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com