Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 314 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 314 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 310Page - Texas Instruments TMS320F Datasheet HTML 311Page - Texas Instruments TMS320F Datasheet HTML 312Page - Texas Instruments TMS320F Datasheet HTML 313Page - Texas Instruments TMS320F Datasheet HTML 314Page - Texas Instruments TMS320F Datasheet HTML 315Page - Texas Instruments TMS320F Datasheet HTML 316Page - Texas Instruments TMS320F Datasheet HTML 317Page - Texas Instruments TMS320F Datasheet HTML 318Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 389 page
background image
Instruction Set Comparison Table
A-18
Syntax
Description
5x
2xx
2x
1x
EINT
√
√
√
√
Enable Interrupts
Enable all interrupts; clear the INTM to 0. Maskable
interrupts are enabled immediately after the EINT
instruction executes.
EXAR
√
Exchange ACCB With ACC
Exchange the contents of the ACC with the contents
of the ACCB.
FORT
1-bit constant
√
Format Serial Port Registers
Load the FO with a 0 or a 1. If FO = 0, the registers are
configured to receive/transmit 16-bit words. If FO = 1,
the registers are configured to receive/transmit 8-bit
bytes.
IDLE
√
√
√
Idle Until Interrupt
Forces an executing program to halt execution and
wait until it receives a reset or an interrupt. The device
remains in an idle state until it is interrupted.
IDLE2
√
Idle Until Interrupt—Low-Power Mode
Removes the functional clock input from the internal
device; this allows for an extremely low-power mode.
The IDLE2 instruction forces an executing program to
halt execution and wait until it receives a reset or
unmasked interrupt.
IN
dma, PA
IN
{
ind}, PA [, next ARP]
√
√
√
√
√
√
√
√
Input Data From Port
Read a 16-bit value from one of the external I/O ports
into the addressed data-memory location.
TMS320C1x devices: This is a 2-cycle instruction.
During the first cycle, the port address is sent to
address lines A2/PA2–A0/PA0; DEN goes low,
strobing in the data that the addressed peripheral
places on data bus D15–D0.
TMS320C2x devices: The IS line goes low to indicate
an I/O access, and the STRB, R/W, and READY
timings are the same as for an external data-memory
read.
TMS320C20x and TMS320C5x devices: The IS line
goes low to indicate an I/O access, and the STRB, RD,
and READY timings are the same as for an external
data-memory read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com