Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 311 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 311 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 307Page - Texas Instruments TMS320F Datasheet HTML 308Page - Texas Instruments TMS320F Datasheet HTML 309Page - Texas Instruments TMS320F Datasheet HTML 310Page - Texas Instruments TMS320F Datasheet HTML 311Page - Texas Instruments TMS320F Datasheet HTML 312Page - Texas Instruments TMS320F Datasheet HTML 313Page - Texas Instruments TMS320F Datasheet HTML 314Page - Texas Instruments TMS320F Datasheet HTML 315Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 389 page
background image
Instruction Set Comparison Table
A-15
TMS320C1x/C2x/C20x/C5x Instruction Set Comparison
Syntax
Description
5x
2xx
2x
1x
BZ
pma
BZ
pma [, {ind} [, next ARP]]
√
√
√
√
Branch if Accumulator = Zero
If the contents of the accumulator = 0, branch to the
specified program-memory address.
TMS320C2x,
TMS320C20x
and
TMS320C5x
devices: Modify the current AR and ARP as specified.
TMS320C20x and TMS320C5x devices: To modify the
AR and ARP, use the –p porting switch.
CALA
√
√
√
Call Subroutine Indirect
The contents of the accumulator specify the address
of a subroutine. Increment the PC, push the PC onto
the stack, then load the 12 (TMS320C1x) or 16
(TMS320C2x/C20x) LSBs of the accumulator into the
PC.
CALA[
D]
√
Call Subroutine Indirect With Optional Delay
The contents of the accumulator specify the address
of a subroutine. Increment the PC and push it onto the
stack; then load the 16 LSBs of the accumulator into
the PC.
If you specify a delayed branch (CALAD), the next two
instruction words (two 1-word instructions or one
2-word instruction) are fetched and executed before
the call.
CALL
pma
CALL
pma [,{ind} [, next ARP]]
√
√
√
Call Subroutine
The contents of the addressed program-memory
location specify the address of a subroutine. Increment
the PC by 2, push the PC onto the stack, then load the
specified program-memory address into the PC.
TMS320C2x and TMS320C20x devices: Modify the
current AR and ARP as specified.
CALL[
D] pma [, {ind} [, next
ARP]]
√
Call Unconditionally With Optional Delay
The contents of the addressed program-memory
location specify the address of a subroutine. Increment
the PC and push the PC onto the stack; then load the
specified program-memory address (symbolic or
numeric) into the PC. Modify the current AR and ARP
as specified.
If you specify a delayed branch (CALLD), the next two
instruction words (two 1-word instructions or one
2-word instruction) are fetched and executed before
the call.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com