Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 303 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 303 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 299Page - Texas Instruments TMS320F Datasheet HTML 300Page - Texas Instruments TMS320F Datasheet HTML 301Page - Texas Instruments TMS320F Datasheet HTML 302Page - Texas Instruments TMS320F Datasheet HTML 303Page - Texas Instruments TMS320F Datasheet HTML 304Page - Texas Instruments TMS320F Datasheet HTML 305Page - Texas Instruments TMS320F Datasheet HTML 306Page - Texas Instruments TMS320F Datasheet HTML 307Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 389 page
background image
Instruction Set Comparison Table
A-7
TMS320C1x/C2x/C20x/C5x Instruction Set Comparison
Syntax
Description
5x
2xx
2x
1x
ADDK #
k
√
√
√
Add to Accumulator Short Immediate
TMS320C1x devices: Add an 8-bit immediate value to
the accumulator.
TMS320C2x,
TMS320C20x,
and
TMS320C5x
devices: Add an 8-bit immediate value, right justified,
to the accumulator with the result replacing the
accumulator contents. The immediate value is treated
as an 8-bit positive number; sign extension is
suppressed.
ADDS
dma
ADDS {
ind} [, next ARP]
√
√
√
√
√
√
√
√
Add to Accumulator With Sign Extension
Suppressed
Add the contents of the addressed data-memory
location to the accumulator. The value is treated as a
16-bit unsigned number; sign extension is suppressed.
ADDT
dma
ADDT {
ind} [, next ARP]
√
√
√
√
√
√
Add to Accumulator With Shift Specified by T
Register
Left shift the contents of the addressed data-memory
location by the value in the 4 LSBs of the T register; add
the result to the accumulator. If a shift is specified, left
shift the data before the add. During shifting, low-order
bits are zero filled, and high-order bits are sign
extended if SXM = 1.
TMS320C20x and TMS320C5x devices: If the result of
the addition generates a carry from the accumulator’s
MSB, the carry bit is set to 1.
ADLK #
lk [, shift]
√
√
√
Add to Accumulator Long Immediate With Shift
Add a 16-bit immediate value to the accumulator; if a
shift is specified, left shift the value before the add.
During shifting, low-order bits are zero filled, and
high-order bits are sign extended if SXM = 1.
ADRK #
k
√
√
√
Add to Auxiliary Register Short Immediate
Add an 8-bit immediate value to the current auxiliary
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com