Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 192 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 192 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 188Page - Texas Instruments TMS320F Datasheet HTML 189Page - Texas Instruments TMS320F Datasheet HTML 190Page - Texas Instruments TMS320F Datasheet HTML 191Page - Texas Instruments TMS320F Datasheet HTML 192Page - Texas Instruments TMS320F Datasheet HTML 193Page - Texas Instruments TMS320F Datasheet HTML 194Page - Texas Instruments TMS320F Datasheet HTML 195Page - Texas Instruments TMS320F Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 389 page
background image
LTA
Load TREG and Accumulate Previous Product
7-92
Syntax
LTA
dma
Direct addressing
LTA
ind [, ARn]
Indirect addressing
Operands
dma:
7 LSBs of the data-memory address
n:
Value from 0 to 7 designating the next auxiliary register
ind:
Select one of the following seven options:
*
*+
*–
*0+
*0–
*BR0+
*BR0–
LTA
dma
15
14
13
12
11
10
987
6543
210
0
1
1
1
0
0
0
0
0
dma
LTA
ind [, ARn]
15
14
13
12
11
10
987
6543
210
0
1
1
1
0
0
0
0
1
ARU
N
NAR
Note:
ARU, N, and NAR are defined in section 6.3,
Indirect Addressing Mode (page 6-9).
Execution
Increment PC, then ...
(data-memory address)
→ TREG
(ACC) + shifted (PREG)
→ ACC
Status Bits
Affected by
Affects
PM and OVM
C and OV
Description
TREG is loaded with the contents of the specified data-memory address. The
contents of the product register, shifted as defined by the PM status bits, are
added to the accumulator, and the result is placed in the accumulator.
The carry bit is set (C = 1) if the result of the addition generates a carry and
is cleared (C = 0) if it does not generate a carry.
The function of the LTA instruction is a subtask of the LTD instruction.
Words
1
Cycles for a Single LTA Instruction
Program
Operand
ROM
DARAM
SARAM
External
DARAM
1
1
1
1+p
SARAM
1
1
1, 2†
1+p
External
1+d
1+d
1+d
2+d+p
† If the operand and the code are in the same SARAM block
Opcode
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com