| Electronic Components Datasheet Search |
|
TMS320F Datasheet(PDF) 194 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F Datasheet(HTML) 194 Page - Texas Instruments |
|
194 / 389 page ![]() LTD Load TREG, Accumulate Previous Product, and Move Data 7-94 Syntax LTD dma Direct addressing LTD ind [, ARn] Indirect addressing Operands dma: 7 LSBs of the data-memory address n: Value from 0 to 7 designating the next auxiliary register ind: Select one of the following seven options: * *+ *– *0+ *0– *BR0+ *BR0– LTD dma 15 14 13 12 11 10 987 6543 210 0 1 1 1 0 0 1 0 0 dma LTD ind [, ARn] 15 14 13 12 11 10 987 6543 210 0 1 1 1 0 0 1 0 1 ARU N NAR Note: ARU, N, and NAR are defined in section 6.3, Indirect Addressing Mode (page 6-9). Execution Increment PC, then ... (data-memory address) → TREG (data-memory address) → data-memory address + 1 (ACC) + shifted (PREG) → ACC Status Bits Affected by Affects PM and OVM C and OV Description TREG is loaded with the contents of the specified data-memory address. The contents of the PREG, shifted as defined by the PM status bits, are added to the accumulator, and the result is placed in the accumulator. The contents of the specified data-memory address are also copied to the next higher data- memory address. This instruction is valid for all blocks of on-chip RAM configured as data memory. The data move function is continuous across the boundaries of con- tiguous blocks of memory but cannot be used with external data memory or memory-mapped registers. The data move function is described under the in- struction DMOV. Note: If LTD is used with external data memory, its function is identical to that of LTA; that is, the previous product will be accumulated, and the TREG will be loaded from external data memory, but the data move will not occur. The carry bit is set (C = 1) if the result of the addition generates a carry and is cleared (C = 0) if it does not generate a carry. Opcode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |