Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 232 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 232 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 228Page - Texas Instruments TMS320F Datasheet HTML 229Page - Texas Instruments TMS320F Datasheet HTML 230Page - Texas Instruments TMS320F Datasheet HTML 231Page - Texas Instruments TMS320F Datasheet HTML 232Page - Texas Instruments TMS320F Datasheet HTML 233Page - Texas Instruments TMS320F Datasheet HTML 234Page - Texas Instruments TMS320F Datasheet HTML 235Page - Texas Instruments TMS320F Datasheet HTML 236Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 389 page
background image
OUT
Output Data to Port
7-132
Cycles
Cycles for a Single OUT Instruction
Program
Operand
ROM
DARAM
SARAM
External
Source: DARAM
3+iodst
3+iodst
3+iodst
5+iodst+2pcode
Source: SARAM
3+iodst
3+iodst
3+iodst
4+iodst†
5+iodst+2pcode
Source: External
3+dsrc+iodst
3+dsrc+iodst
3+dsrc+iodst
6+dsrc+iodst+2pcode
† If the operand and the code are in the same SARAM block
Cycles for a Repeat (RPT) Execution of an OUT Instruction
Program
Operand
ROM
DARAM
SARAM
External
Destination: DARAM
3n+niodst
3n+niodst
3n+niodst
3n+3+niodst+2pcode
Destination: SARAM
3n+niodst
3n+niodst
3n+niodst
3n+1+niodst†
3n+3+niodst+2pcode
Destination: External
5n–2+ndsrc+
niodst
5n–2+ndsrc+niodst
5n–2+ndsrc+niodst
5n+1+ndsrc+niodst+
2pcode
† If the operand and the code are in the same SARAM block
Example 1
OUT
DAT0,100h
;(DP = 4) Write data word stored in
;data memory location 200h to
;peripheral at I/O port address
;100h.
Example 2
OUT
*,100h
;Write data word referenced by
;current auxiliary register to
;peripheral at I/O port address
;100h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com