Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 229 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 229 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 225Page - Texas Instruments TMS320F Datasheet HTML 226Page - Texas Instruments TMS320F Datasheet HTML 227Page - Texas Instruments TMS320F Datasheet HTML 228Page - Texas Instruments TMS320F Datasheet HTML 229Page - Texas Instruments TMS320F Datasheet HTML 230Page - Texas Instruments TMS320F Datasheet HTML 231Page - Texas Instruments TMS320F Datasheet HTML 232Page - Texas Instruments TMS320F Datasheet HTML 233Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 389 page
background image
OR With Accumulator
OR
7-129
Assembly Language Instructions
Status Bits
None
This instruction is not affected by SXM.
Description
An OR operation is performed on the contents of the accumulator and the con-
tents of the addressed data-memory location or a long-immediate value. The
long-immediate value may be shifted before the OR operation. The result re-
mains in the accumulator. All bit positions unoccupied by the data operand are
zero filled, regardless of the value of the SXM status bit. Thus, the high word
of the accumulator is unaffected by this instruction if direct or indirect address-
ing is used, or if immediate addressing is used with a shift of 0. Zeros are
shifted into the least significant bits of the operand if immediate addressing is
used with a nonzero shift count.
Words
Words
Addressing mode
1
Direct or indirect
2
Long immediate
Cycles for a Single OR Instruction (Using Direct and Indirect Addressing)
Program
Operand
ROM
DARAM
SARAM
External
DARAM
1
1
1
1+p
SARAM
1
1
1, 2†
1+p
External
1+d
1+d
1+d
2+d+p
† If the operand and the code are in the same SARAM block
Cycles for a Repeat (RPT) Execution of an OR Instruction (Using Direct and
Indirect Addressing)
Program
Operand
ROM
DARAM
SARAM
External
DARAM
n
n
n
n+p
SARAM
n
n
n, n+1†
n+p
External
n+nd
n+nd
n+nd
n+1+p+nd
† If the operand and the code are in the same SARAM block
Cycles for a Single OR Instruction (Using Long Immediate Addressing)
ROM
DARAM
SARAM
External
2
2
2
2+2p
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com