Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 260 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 260 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 256Page - Texas Instruments TMS320F Datasheet HTML 257Page - Texas Instruments TMS320F Datasheet HTML 258Page - Texas Instruments TMS320F Datasheet HTML 259Page - Texas Instruments TMS320F Datasheet HTML 260Page - Texas Instruments TMS320F Datasheet HTML 261Page - Texas Instruments TMS320F Datasheet HTML 262Page - Texas Instruments TMS320F Datasheet HTML 263Page - Texas Instruments TMS320F Datasheet HTML 264Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 389 page
background image
SPH
Store High PREG
7-160
Syntax
SPH
dma
Direct addressing
SPH
ind [, ARn]
Indirect addressing
Operands
dma:
7 LSBs of the data-memory address
n:
Value from 0 to 7 designating the next auxiliary register
ind:
Select one of the following seven options:
*
*+
*–
*0+
*0–
*BR0+
*BR0–
SPH
dma
15
14
13
12
11
10
987
6543
210
1
0
0
0
1
1
0
1
0
dma
SPH
ind [, ARn]
15
14
13
12
11
10
987
6543
210
1
0
0
0
1
1
0
1
1
ARU
N
NAR
Note:
ARU, N, and NAR are defined in section 6.3,
Indirect Addressing Mode (page 6-9).
Execution
Increment PC, then ...
16 MSBs of shifted (PREG)
→ data-memory address
Status Bits
Affected by
PM
Description
The 16 high-order bits of the PREG, shifted as specified by the PM bits, are
stored in data memory. First, the 32-bit PREG value is copied into the product
shifter, where it is shifted as specified by the PM bits. If the right-shift-by-6
mode is selected, the high-order bits are sign extended and the low-order bits
are lost. If a left shift is selected, the high-order bits are lost and the low-order
bits are zero filled. If PM = 00, no shift occurs. Then the 16 MSBs of the shifted
value are stored in data memory. Neither the PREG value nor the accumulator
value is modified by this instruction.
Words
1
Cycles for a Single SPH Instruction
Program
Operand
ROM
DARAM
SARAM
External
DARAM
1
1
1
1+p
SARAM
1
1
1, 2†
1+p
External
2+d
2+d
2+d
4+d+p
† If the operand and the code are in the same SARAM block
Opcode
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com