Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 274 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 274 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 270Page - Texas Instruments TMS320F Datasheet HTML 271Page - Texas Instruments TMS320F Datasheet HTML 272Page - Texas Instruments TMS320F Datasheet HTML 273Page - Texas Instruments TMS320F Datasheet HTML 274Page - Texas Instruments TMS320F Datasheet HTML 275Page - Texas Instruments TMS320F Datasheet HTML 276Page - Texas Instruments TMS320F Datasheet HTML 277Page - Texas Instruments TMS320F Datasheet HTML 278Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 389 page
background image
SUB
Subtract From Accumulator
7-174
Execution
Increment PC, then ...
Event
Addressing mode
(ACC) – ((data-memory address)
 2shift ) → ACC
Direct or indirect
(ACC) – ( (data-memory address)
 216 ) → ACC
Direct or indirect
(shift of 16)
(ACC) – k
→ ACC
Short immediate
(ACC) – lk
 2shift → ACC
Long immediate
Status Bits
Affected by
Affects
Addressing mode
OVM and SXM
OV and C
Direct or indirect
OVM
OV and C
Short immediate
OVM and SXM
OV and C
Long immediate
Description
In direct, indirect, and long immediate addressing, the content of the ad-
dressed data-memory location or a 16-bit constant are left shifted and sub-
tracted from the accumulator. During shifting, low-order bits are zero filled.
High-order bits are sign extended if SXM = 1 and zero filled if SXM = 0. The
result is then stored in the accumulator.
If short immediate addressing is used, an 8-bit positive constant is subtracted
from the accumulator. In this case, no shift value may be specified, the subtrac-
tion is unaffected by SXM, and the instruction is not repeatable.
Normally, the carry bit is cleared (C = 0) if the result of the subtraction gener-
ates a borrow; it is set (C = 1) if it does not generate a borrow. However, if a
16-bit shift is specified with the subtraction, the instruction will clear the carry
bit if a borrow is generated but will not affect the carry bit otherwise.
Words
Words
Addressing mode
1
Direct, indirect
or short immediate
2
Long immediate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com