Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 13Page - Advanced Micro Devices AMD-762 Datasheet HTML 14Page - Advanced Micro Devices AMD-762 Datasheet HTML 15Page - Advanced Micro Devices AMD-762 Datasheet HTML 16Page - Advanced Micro Devices AMD-762 Datasheet HTML 17Page - Advanced Micro Devices AMD-762 Datasheet HTML 18Page - Advanced Micro Devices AMD-762 Datasheet HTML 19Page - Advanced Micro Devices AMD-762 Datasheet HTML 20Page - Advanced Micro Devices AMD-762 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 122 page
background image
Chapter 1
Features
5
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
Refer to Figure 1 for a block diagram of the AMD-760MPX™
chipset with an AMD-768 peripheral bus controller (66-MHz
PCI). Refer to Figure 2 on page 6 for a block diagram of the
AMD-760MP chipset with the AMD-766 peripheral bus
controller (33-MHz PCI).
Figure 1.
AMD-760MPX™ System Block Diagram (66-MHz PCI)
Ethernet
Southbridge
PCI Bus (Primary)
LPC
USB
System Management,
LAN
SCSI
64 bit
EIDE
DRAM
64-bit data
64-bit data + 8-bit ECC
System Buses
Memory Bus
SERR#
REQ#
GNT#
System Controller
Processor
System Controller
DRAM
Graphics
AGP Bus
32-bit
+8-bit ECC
Reset, Initialize,
Interrupts
BIOS
AMD-768™
Peripheral Bus
Controller
AMD-762™
AMD Athlon™
WSC#
DDR
SDRAM
13-bit SADDIN +
13-bit SADDOUT
DCSTOP#
Processor
AMD Athlon
66/33 MHz
PCI Bus (Secondary)
32 bit
33 MHz
Up to two additional
66-MHz PCI
bus masters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com