Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 18Page - Advanced Micro Devices AMD-762 Datasheet HTML 19Page - Advanced Micro Devices AMD-762 Datasheet HTML 20Page - Advanced Micro Devices AMD-762 Datasheet HTML 21Page - Advanced Micro Devices AMD-762 Datasheet HTML 22Page - Advanced Micro Devices AMD-762 Datasheet HTML 23Page - Advanced Micro Devices AMD-762 Datasheet HTML 24Page - Advanced Micro Devices AMD-762 Datasheet HTML 25Page - Advanced Micro Devices AMD-762 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 122 page
background image
10
Functional Operation
Chapter 2
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
2.2
Memory Interface
The AMD-762 memory controller arbitrates and optimizes
incoming memory requests, handles ECC and Graphics
Address Remapping Table (GART), and controls up to four
double-data-rate (DDR) SDRAM DIMMs.
The AMD-762 system controller memory interface is designed
to support registered DDR DIMMs. Up to four registered
DIMMs can be supported by the AMD-762 system controller.
The AMD-762 system controller supports 64-Mbit, 128-Mbit,
256-Mbit, and 512-Mbit DDR devices. Device widths of x4, x8,
and x16 are supported. Mixed banks are supported, meaning
that a x8 DIMM can coexist with x4 and x16, etc.
Refer to Table 1 on page 11 for the total memory sizes for
various registered DIMM configurations. A total of 4 Gbytes is
supported.
DDR timing parameters are programmable via the AMD-762
system controller’s memory controller configuration registers,
allowing support of different DIMM configurations and
loading. Refresh is also programmable, with support of various
refresh rates as well as the ability to queue up to four
outstanding refreshes. Clock pairs can also be selectively
disabled to unpopulated DIMM slots via configuration register
bits in the memory controller.
The memory controller supports up to four open pages in the
active chip select. All pages in a chip select are closed when an
access to another chip select is detected. Memory page
operation can be further optimized by programming the
n u mber of i d le c y c l es to a ba nk be f o re the bank is
automatically precharged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com