Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 61Page - Advanced Micro Devices AMD-762 Datasheet HTML 62Page - Advanced Micro Devices AMD-762 Datasheet HTML 63Page - Advanced Micro Devices AMD-762 Datasheet HTML 64Page - Advanced Micro Devices AMD-762 Datasheet HTML 65Page - Advanced Micro Devices AMD-762 Datasheet HTML 66Page - Advanced Micro Devices AMD-762 Datasheet HTML 67Page - Advanced Micro Devices AMD-762 Datasheet HTML 68Page - Advanced Micro Devices AMD-762 Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 122 page
background image
Chapter 4
Electrical Data
53
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
4.4
Power Dissipation
Table 15 shows typical and maximum power dissipation of the
AMD-762 system controller during normal and reduced power
states. The measurements are taken with the VDD shown.
4.5
Switching Characteristics and Requirements
The AMD-762 system controller signal switching characteristics
and requirements are presented in Tables 16 through 27. All
signal timings are based on the following conditions:
n
The target signals are input or output signals that are
switching from logical 0 to 1, or from logical 1 to 0.
n
Measurements are taken from the time the reference signal
(AGPCLK, PCICLK, CLKOUT, SYSCLK, or RESET#) passes
through 1.5 V to the time the target signal passes through 1.5 V.
n
Parameters are within the range of those listed in
“Operating Ranges” on page 48.
4.5.1
Clock Switching Requirements
Table 16 contains the switching characteristics of the SYSCLK
input to the AMD-762 system controller for 100-MHz processor
bus operation. These timings are all measured with respect to
the voltage levels indicated by Figure 12 on page 54. Clock
skew requirements are shown in Figure 14 on page 56. Table 17
on page 55 contains the switching characteristics of the
AGPCLK input for 66-MHz PCI bus operation. Table 18 on
page 55 contains the switching characteristics of the PCICLK
input for 33-MHz PCI bus operation. These timings are all
Table 15.
Typical and Maximum Power Dissipation*
Supply
Normal Operation
Low-Power States
Typical
Maximum
ACPI S1 State
ACPI S3 State
VDD_CORE
100 MHz
133 MHz
3 W
4 W
4.5 W
6 W
125 mW
165 mW
50 mW
65 mW
*This table contains preliminary information, which is subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com