Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 10Page - Advanced Micro Devices AMD-762 Datasheet HTML 11Page - Advanced Micro Devices AMD-762 Datasheet HTML 12Page - Advanced Micro Devices AMD-762 Datasheet HTML 13Page - Advanced Micro Devices AMD-762 Datasheet HTML 14Page - Advanced Micro Devices AMD-762 Datasheet HTML 15Page - Advanced Micro Devices AMD-762 Datasheet HTML 16Page - Advanced Micro Devices AMD-762 Datasheet HTML 17Page - Advanced Micro Devices AMD-762 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 122 page
background image
2
Features
Chapter 1
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
This document describes the features and operation of the
AMD-762 system controller. For a description of the AMD-766
peripheral bus controller, see the AMD-766™ Peripheral Bus
Controller Data Sheet, order# 23167. For a description of the
AMD-768 peripheral bus controller, see the AMD-768™
Peripheral Bus Controller Data Sheet, order# 24467. Key features
of the AMD-762 system controller are provided in this section.
1.1
AMD Athlon™ System Buses
The AMD Athlon system buses have the following features:
n
High-performance point-to-point system bus topology
n
Source-synchronous clocking for high-speed transfers
n
200- or 266-MHz, split-transaction AMD Athlon system bus
interface
n
1.6 Gbytes/s peak data transfer rates at 100/200 MHz,
2.1 Gbytes at 133/266 MHz
n
Large 64-byte (cache line) data burst transfers
1.2
Integrated Memory Controller
The integrated memory controller has the following features:
n
The AMD-762 system controller supports the following
concurrencies:
•
Processor-to-main-memory with PCI-to-main-memory
•
Processor-to-main-memory with AGP-to-main-memory
•
Processor-to-PCI with PCI-to-main-memory or
AGP-to-main-memory
n
Memory Error Correcting Code (ECC) support
n
Supports the following DRAM:
•
Supports 64-Mbit, 128-Mbit, 256-Mbit, and 512-Mbit
technology
•
64-bit data width, plus 8-bit ECC paths
•
Flexible row and column addressing
n
Supports up to 4 Gbytes of memory
n
Four open pages within one CS (device selected by chip
select)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com