Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 70Page - Advanced Micro Devices AMD-762 Datasheet HTML 71Page - Advanced Micro Devices AMD-762 Datasheet HTML 72Page - Advanced Micro Devices AMD-762 Datasheet HTML 73Page - Advanced Micro Devices AMD-762 Datasheet HTML 74Page - Advanced Micro Devices AMD-762 Datasheet HTML 75Page - Advanced Micro Devices AMD-762 Datasheet HTML 76Page - Advanced Micro Devices AMD-762 Datasheet HTML 77Page - Advanced Micro Devices AMD-762 Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 122 page
background image
62
Electrical Data
Chapter 4
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
4.5.3
AGP/PCI Signals
Valid Delay, Float,
Setup, and Hold
Timings
The valid delay and float timings for output signals during
functional operation are relative to the rising edge of the given
clock. The maximum valid delay timings are provided to allow
a system designer to determine if setup times can be met.
Likewise, the minimum valid delay timings are used to analyze
hold times.
The setup and hold time requirements for the AMD-762 system
controller input signals presented here must be met by any
device that interfaces with it to assure the proper operation of
the AMD-762 system controller.
Figure 20 shows the relationship between the rising clock edge
and setup, hold, and valid data timings.
Figure 20.
Setup, Hold, and Valid Delay Timings
AGP Interface Timing
The 4x AGP interface of the AMD-762 system controller can
operate in three modes — 1x, 2x, and 4x, and complies to the
AGP specification parameters.
The timings for the 1x mode, shown in Table 22 on page 63, are
relative to AGPCLK. The timings for the 2x mode, shown in
Table 23 on page 64, are relative to the respective strobe.
The timings for the 4x mode, shown in Table 24 on page 65,
apply only to the inner loop 4x clock mode signals (AD, C/BE#,
and SBA).
Figure 21 on page 65 shows an AGP 2x strobe/data turnaround
timing diagram. Figure 22 on page 66 and Figure 23 on page 66
show AGP 2x and 4x timing diagrams, respectively. Figure 24
on page 67 shows an AGP 4x strobe/data turnaround timing
diagram.
tsu
th
tvd
tvd
Data In
Data Out
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com