| Electronic Components Datasheet Search |
|
AMD-762 Datasheet(PDF) 40 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-762 Datasheet(HTML) 40 Page - Advanced Micro Devices |
|
40 / 122 page ![]() 28 Functional Operation Chapter 2 AMD-762™ System Controller Data Sheet 24416C—December 2001 Preliminary Information while the probe is in progress, then the AMD-762 system controller disconnects the AMD Athlon processor system bus following the completion of the probe. If the processors start sending non-NOP AMD Athlon processor system bus cycles while connected, then the AMD-762 system contro ller transitions to the full-on state. 2.6.4 Power-On Suspend (S1) The S1 state achieves very low power by disconnecting the processors, entering self-refresh, and then gating off most of the internal high-speed clock trees in the AMD-762 system controller. Snooping is prevented by the device drivers prior to entering this state. The DDR DRAM clocks continue to be driven as required for the registered DDR DIMMs. Most internal clocks are gated off, allowing the AMD-762 system controller to achieve a low operating current. The S1 state is entered in a similar manner to clock throttling, starting with a STPCLK# assertion and the Stop Grant state. The Southbridge asserts the DCSTOP# signal, which is used by the AMD-762 system controller to gate off internal clock trees for lower power. All power supplies remain on, and the clock synthesizer chip on the motherboard continues to drive all clocks. The sequence of operation for entering the S1 state is listed below. Figure 10 on page 30 shows a power-on suspend system timing diagram example. S1 Sequence 1. The operating system communicates with all device drivers, causing them to disable their respective peripherals, thus preventing any new bus master activity (DMA) on the PCI and AGP buses. DMA activity already in progress in the AMD-762 system controller completes normally. 2. The Southbridge asserts STPCLK# to both AMD Athlon processors. 3. The processors flush their buffers and generate a Stop Grant special bus cycle on the AMD Athlon processor system bus. 4. After receiving both Stop Grant special cycles, the AMD-762 system controller flushes all internal queues and initiates a disconnect cycle to the CPUs by deasserting their CONNECT pins. The AMD Athlon processors respond by deasserting the PROCRDY signal. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |