Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 11Page - Advanced Micro Devices AMD-762 Datasheet HTML 12Page - Advanced Micro Devices AMD-762 Datasheet HTML 13Page - Advanced Micro Devices AMD-762 Datasheet HTML 14Page - Advanced Micro Devices AMD-762 Datasheet HTML 15Page - Advanced Micro Devices AMD-762 Datasheet HTML 16Page - Advanced Micro Devices AMD-762 Datasheet HTML 17Page - Advanced Micro Devices AMD-762 Datasheet HTML 18Page - Advanced Micro Devices AMD-762 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 122 page
background image
Chapter 1
Features
3
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
n
BIOS-configurable
memory-timing
parameters
and
configuration parameters
n
2.5-V memory interface operation with no external buffers
or PLLs
n
Concurrent DRAM writeback and read-around-write
n
Burst read and write transactions
n
Decoupled and burst DRAM refresh with staggered CS
timing
n
Provides the following refresh options:
•
Programmable refresh rate
•
CAS-before-RAS
•
Populated banks only
•
Automatic refresh of idle slots—improves bus availability
for memory access by the processor or system
1.3
PCI Bus Controller
The PCI bus controller has the following features:
n
Compliance with PCI Local Bus Specification, Revision 2.2.
n
Supports up to seven PCI bus masters plus the AMD-766
peripheral bus controller when operating in 33-MHz-only mode,
or up to two PCI bus masters and the AMD-768 peripheral bus
controller when operating in 66/33-MHz PCI mode.
n
64-bit interface, compatible with 3.3-V and 5-V PCI I/O
n
Synchronous PCI bus operation up to 66 MHz
n
PCI-initiator peer concurrency
n
Automatic processor-to-PCI burst cycle detection
n
Zero wait-state PCI initiator and target burst transfers
n
Enhanced PCI command optimization, such as Memory
Read Line (MRL), Memory Read Multiple (MRM), and
Memory-Write-and-Invalidate (MWI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com