Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 87 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 83Page - Advanced Micro Devices AMD-762 Datasheet HTML 84Page - Advanced Micro Devices AMD-762 Datasheet HTML 85Page - Advanced Micro Devices AMD-762 Datasheet HTML 86Page - Advanced Micro Devices AMD-762 Datasheet HTML 87Page - Advanced Micro Devices AMD-762 Datasheet HTML 88Page - Advanced Micro Devices AMD-762 Datasheet HTML 89Page - Advanced Micro Devices AMD-762 Datasheet HTML 90Page - Advanced Micro Devices AMD-762 Datasheet HTML 91Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 122 page
background image
Chapter 6
Pin Designations
75
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
A
A
MECC2
MECC7
MDAT33
MDAT34
MDAT44
DM5
MDAT46
MDAT52
MDAT54
MDAT55
MDAT60
DM7
NC0
B
B
MECC6
MDAT32
VDD_CORE
MDAT38
MDAT40
VDD_CORE
MDAT43
MDAT49
VDD_CORE
MDAT50
MDAT57
VDD_CORE
MDAT63
NC29
C
C
DM8
MDAT36
DQS4
MDAT39
MDAT45
DQS5
MDAT47
MDAT53
DQS6
MDAT51
MDAT56
DQS7
MDAT58
MDAT59
NC32
D
D
MECC3
MDAT37
VSS
MDAT35
MDAT41
VSS
MDAT48
DM6
VSS
MDAT61
VSS
MDAT62
GNT6#
VDD_PCI
GNT0#
E
E
CLKOUT3#
MAB14
DM4
MAB13
WEA#
MDAT42
CS1#
CLKOUTH2
CLKOUTL2
CLKOUTH5
NC35
VSS
REQ6#
REQ0#
GNT1#
F
F
MAA0
MAA10
VDD_CORE
RASB#
CS2#
VDD_CORE
CS3#
CS7#
VDD_CORE
CLKOUTL5
GNT5#
GNT4#
REQ4#
REQ1#
AD32
G
G
CLKOUTL0
MAA14
MAA13
RASA#
CASB#
CASA#
CS5#
CS6#
NC37
VDD_PCI
REQ5#
VSS
GNT2#
VDD_PCI
AD34
H
H
MAB0
MAB10
VSS
WEB#
CS0#
VSS
CS4#
VSS
REQ2#
GNT3#
REQ3#
WSC#
REF_5V
AD36
AD38
J
J
VDD_CORE
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VDD_CORE
SBREQ#
SBGNT#
AD37
AD44
AD39
AD41
AD40
AD42
K
K
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VSS
AD33
VDD_PCI
AD46
VSS
AD47
VDD_PCI
AD52
L
L
VDD_CORE
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VDD_PCI
AD35
AD43
AD48
AD50
AD49
AD51
AD54
AD56
M
M
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VDD_CORE
VSS
AD45
AD55
AD58
AD60
AD53
AD59
PAR64
CBE5#
N
N
VDD_CORE
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VDD_PCI
VSS
AD61
VDD_PCI
AD62
VSS
CBE6#
VDD_PCI
CBE7#
P
P
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VDD_CORE
VSS
AD57
PCI_66CLK0
REQ64#
AD0
PCI_66CLK1
PCI_66CLK2
AD2
AD4
R
R
VDD_CORE
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VDD_PCI
AD63
CBE4#
AD6
CBE0#
ACK64#
AD1
AD12
AD9
T
T
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VSS
AD3
VDD_PCI
AD11
VSS
AD8
VDD_PCI
AD13
U
U
VDD_CORE
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VDD_PCI
AD5
AD7
AD14
AD15
M66EN
SERR#
STOP#
PAR
V
V
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VDD_CORE
VSS
AD10
CBE1#
AD18
AD16
DEVSEL#
IRDY#
TRDY#
FRAME#
W
W
VDD_CORE
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VDD_PCI
VSS
CBE2#
VDD_PCI
AD22
VSS
AD17
VDD_PCI
AD20
Y
Y
VSS
VDD_CORE
VSS
VDD_CORE
VSS
VDD_AGP
VSS
CBE3#
AD23
AD30
AD29
AD19
AD21
AD27
AD24
AA
AA
VDD_CORE
VSS
VDD_CORE
VSS
VDD_AGP
VSS
VDD_AGP
AGP_CAL
A_AD3
A_AD1
AD31
AD25
NC4
AD28
AD26
AB
AB
VSS
P1_K7_VCORE24
VSS
VDD_AGP
VSS
VDD_AGP
VSS
VSS
A_AD12
VDD_AGP
A_CBE0#
VSS
A_AD5
VDD_AGP
A_AD0
AC
AC
P1_K7_VCORE17
VSS
P1_K7_VCORE18
VSS
VDD_AGP
VSS
VDD_AGP
A_DEVSEL#
AGP_VREF4X
A_AD7
A_AD8
A_AD14
A_AD10
A_AD4
A_AD2
AD
AD
P1_SADDIN9#
NC9
VSS
DCSTOP#
NC10
VSS
SBA3
VSS
A_AD26
A_AD16
A_PAR
A_CBE1#
A_AD13
ADSTB0#
A_AD6
AE
AE
P1_SDATAINVALID# P1_SADDIN13#
P1_PROCRDY
NC13
TEST#
NC14
SBA1
SBA4
A_AD31
VDD_AGP
A_SERR#
VSS
A_AD15
VDD_AGP
ADSTB0
AF
AF
P1_SADDIN6#
P1_SADDIN14#
P1_K7_VCORE12
DEBUG2#
RESET#
VDD_AGP
A_AD30
A_AD27
VDD_AGP
A_CBE3#
A_AD21
A_IRDY#
A_FRAME#
A_TRDY#
AGP_CAL#
AG
AG
P1_SADDIN2#
P1_SADDIN8#
P1_SADDIN12#
S_CLKREF
VSS
A_VDD
SBA0
A_AD29
SBA5
A_AD28
A_AD23
VSS
A_AD19
AGP_VREF
A_AD9
AH
AH
P1_SDATA13#
P1_SADDIN3#
VSS
P0_SYSCLK
PCICLK
VSS
NC2
SBSTB#
VSS
SBA7
VSS
A_AD17
A_AD22
VDD_AGP
A_AD11
AJ
AJ
P1_SDATA14#
P1_SADDINCLK#
P1_CONNECT
VSS
AGPCLK
DEBUG1#
ST2
SBSTB
SBA2
A_AD25
ADSTB1
ADSTB1#
A_CBE2#
A_AD18
NC20
AK
AK
P1_SADDIN11#
P1_SADDIN10#
P1_K7_VCORE7
DEBUG0#
ROM_SCK
VDD_AGP
A_REQ#
ST0
VDD_AGP
WBF#
A_STOP#
VDD_AGP
A_AD20
NC23
AL
AL
P1_SADDIN5#
P1_SADDIN4#
P1_CLKFWDRST P1_SYSFILLVALID#
ROM_SDA
NC25
A_GNT#
ST1
PIPE#
RBF#
SBA6
A_AD24
NC26
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com