Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 95 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 91Page - Advanced Micro Devices AMD-762 Datasheet HTML 92Page - Advanced Micro Devices AMD-762 Datasheet HTML 93Page - Advanced Micro Devices AMD-762 Datasheet HTML 94Page - Advanced Micro Devices AMD-762 Datasheet HTML 95Page - Advanced Micro Devices AMD-762 Datasheet HTML 96Page - Advanced Micro Devices AMD-762 Datasheet HTML 97Page - Advanced Micro Devices AMD-762 Datasheet HTML 98Page - Advanced Micro Devices AMD-762 Datasheet HTML 99Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 122 page
background image
Chapter 7
Signal Descriptions
83
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
SCHECK[7:0]#
B
AMD Athlon™ Processor System Bus Data Bus Check Byte
SCHECK[7:0]# transfer ECC check bits for data transferred on the SDATA[63:0]# bus.
As Outputs:
The AMD-762™ system controller drives SCHECK[7:0]# with each valid data
quadword. SCHECK[7:0]# are skew-aligned with the source-synchronous clocks,
SDATAINCLK[3:0]#.
As Inputs:
The AMD-762 system controller samples SCHECK[7:0]# and transfers the data
to the memory. SCHECK[7:0]# are sampled by the AMD-762™ system controller on each
edge of SDATAOUTCLK[3:0]#.
SCHECK[7:0]# are floated by RESET#. Check bits for write data are driven by the processor
and check bits for read data are driven by the system controller. The AMD-762 system
controller drives the previous data value between transfers to prevent floating inputs.
SDATA[63:0]#
B
AMD Athlon Processor System Bus Processor Data Channel
The SDATA[63:0]# transfer data between the processor and system.
As Outputs:
The AMD-762 system controller drives SDATA[63:0]# with each valid data
quadword. SDATA[63:0]# are skew-aligned with the source-synchronous clocks,
SDATAINCLK[3:0]#.
As Inputs:
The AMD-762 system controller samples SDATA[63:0]# and transfers the data
to the memory. The SDATA[63:0]# are sampled by the AMD-762 system controller on
each edge of SDATAOUTCLK[3:0]#.
SDATA[63:0]# are floated out of RESET#. Write data is driven by the processor and read
data is driven by the system controller. The AMD-762 system controller drives the
previous data value between transfers to prevent floating inputs.
SDATAINCLK[3:0]#
O
AMD Athlon Processor System Bus System Data In Clock
SDATAINCLK[3:0]# is the single-ended source-synchronous clock driven by the AMD-762
system controller to transfer data on SDATA[63:0]# and check bits on SCHECK[7:0]#.
Sixteen bits of data and two check bits are skew-aligned with each clock. Data is
transferred on each clock edge.
These signals are driven inactive (negated) when the CLKFWDRST signal is asserted (true).
When CLKFWDRST is negated, SDATAINCLK[3:0]# run continuously after three clock
delays.
SDATAINVAL#
O
AMD Athlon Processor System Bus System Data In Valid
SDATAINVAL# is driven by the AMD-762 system controller and controls the flow of data
into the processor. SDATAINVAL# can be used to introduce an arbitrary number of cycles
between quadword pairs (128 bits). SDATAINVAL# is skew-aligned with the source-
synchronous clock, SADDINCLK#.
SDATAOUTCLK[3:0]#
I
AMD Athlon Processor System Bus System Address Out Clock
SDATAOUTCLK[3:0]# is the single-ended source-synchronous clock driven by the
processor and is used to transfer data and check bits on the SDATA[63:0]# and
SCHECK[7:0]#. Sixteen bits of data and two check bits are skew-aligned with each clock.
Data is transferred on each clock edge.
These signals are driven inactive (negated) when the CLKFWDRST signal is asserted (true).
When CLKFWDRST is negated, SDATAOUTCLK[3:0]# run continuously after three clock
delays.
SYSCLK
I
AMD Athlon Processor System Bus System Clock
SYSCLK is a single-ended input clock signal provided by the system clock generator to the
phase locked loop (PLL) of the AMD-762 system controller. Frequencies of 66.67 MHz,
100 MHz, or 133.33 MHz are supported.
Table 34.
Signal Descriptions (Continued)
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com