Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 32Page - Advanced Micro Devices AMD-762 Datasheet HTML 33Page - Advanced Micro Devices AMD-762 Datasheet HTML 34Page - Advanced Micro Devices AMD-762 Datasheet HTML 35Page - Advanced Micro Devices AMD-762 Datasheet HTML 36Page - Advanced Micro Devices AMD-762 Datasheet HTML 37Page - Advanced Micro Devices AMD-762 Datasheet HTML 38Page - Advanced Micro Devices AMD-762 Datasheet HTML 39Page - Advanced Micro Devices AMD-762 Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 122 page
background image
24
Functional Operation
Chapter 2
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
The AMD-762 system controller implements three internal
PLLs to control clock skew on-chip for the SYSCLK, AGPCLK,
and PCICLK domains. An external feedback path is required
on the motherboard for the 66-MHz PCI PLL when operating in
66-MHz mode. This requires the PCI_66CLK[0] output pin to be
connected back into the AMD-762 system controller’s PCICLK
input for skew control, as shown in Figure 7 on page 23.
These PLLs can be bypassed for motherboard testing. Refer to
Chapter 3 for further details of PLL bypass testing.
Figure 8.
System Clocking with 33-MHz PCI Bus
100/133 MHz
66 MHz
SYSCLK
AGPCLK
CLKOUT[0]n
CLKOUT[1]n
CLKOUT[3]n
CLKOUT[2]n
DDR DIMMs
PCICLK
66 MHz
AGP Slot
32-bit, 33-MHz PCI Bus Slots
33 MHz
33-MHz PCI Clocks
Clock
Generator
33 MHz (for Southbridge)
AMD-762™ System Controller
Northbridge
AMD-766™ Peripheral
Bus Controller
Southbridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com