Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 63Page - Advanced Micro Devices AMD-762 Datasheet HTML 64Page - Advanced Micro Devices AMD-762 Datasheet HTML 65Page - Advanced Micro Devices AMD-762 Datasheet HTML 66Page - Advanced Micro Devices AMD-762 Datasheet HTML 67Page - Advanced Micro Devices AMD-762 Datasheet HTML 68Page - Advanced Micro Devices AMD-762 Datasheet HTML 69Page - Advanced Micro Devices AMD-762 Datasheet HTML 70Page - Advanced Micro Devices AMD-762 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 122 page
background image
Chapter 4
Electrical Data
55
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
Figure 13.
AGPCLK and PCICLK Waveform
Table 17.
AGPCLK Switching Requirements for 66-MHz Bus Operation
Symbol
Parameter Description
Preliminary Data
Figure
Comments
Min
Max
1/t1
Frequency
66 MHz
13
t2
AGPCLK High Time
6.0 ns
13
t3
AGPCLK Low Time
6.0 ns
13
AGPCLK Fall Time
0.15 ns
2 ns
AGPCLK Rise Time
0.15 ns
2 ns
tSKEW
SYSCLK to AGPCLK Skew
–500 ps
500 ps
14
Rising to rising edges
AGPCLK Period Stability
± 300 ps
1.5-V reference
*This table contains preliminary information, which is subject to change.
Table 18.
PCICLK Switching Requirements for 33-MHz PCI Bus*
Symbol
Parameter Description
Preliminary Data
Figure
Comments
Min
Max
t1
PCICLK Cycle
30 ns
∞
13
t2
PCICLK High Time
11.0 ns
13
t3
PCICLK Low Time
11.0 ns
13
PCICLK Fall Time
1 V/ns
2 V/ns
PCICLK Rise Time
1 V/ns
2 V/ns
PCICLK Period Stability
± 300 ps
1.5-V reference
*This table contains preliminary information, which is subject to change.
0.3 VDD_PCI
0.4 VDD_PCI
0.5 VDD_PCI
t1
t3
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com