Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 96 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 96 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 92Page - Advanced Micro Devices AMD-762 Datasheet HTML 93Page - Advanced Micro Devices AMD-762 Datasheet HTML 94Page - Advanced Micro Devices AMD-762 Datasheet HTML 95Page - Advanced Micro Devices AMD-762 Datasheet HTML 96Page - Advanced Micro Devices AMD-762 Datasheet HTML 97Page - Advanced Micro Devices AMD-762 Datasheet HTML 98Page - Advanced Micro Devices AMD-762 Datasheet HTML 99Page - Advanced Micro Devices AMD-762 Datasheet HTML 100Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 122 page
background image
84
Signal Descriptions
Chapter 7
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
SYSFILLVALID#
O
AMD Athlon™ Processor System Bus Fill Valid
This pin is asserted by the AMD-762™ system controller to validate the current memory or
I/O data transfer to the processor. SYSFILLVALID# can be sampled by the CPU during D0
or D1 data phases.
PCI Interface Signals
AD[63:00]
B
TS
PCI Address/Data Bus
This is the multiplexed address/data bus, sampled on the rising edge of PCICLK. The
address is valid on AD[63:00] during the first clock when FRAME# is asserted. Write data
is valid on AD[63:00] when IRDY# is asserted and read data is valid when TRDY# is
asserted. Data transfers occur on AD[63:00] when both IRDY# and TRDY# are asserted.
Data transfers may be 32 bits or 64 bits based on the REQ64#/ACK64# protocol.
The AD[31:0] pins are also used for initialization pinstrapping to configure various startup
parameters of the AMD-762 system controller. The initialization pinstraps are configured
with a weak pullup or pulldown and sampled by the AMD-762 system controller during
system reset. Refer to the “Initialization Pinstrapping” section at the end of this table for
further details.
C/BE[7:0]#
B
TS
PCI Command/Byte Enables
During the address phase, these pins define the PCI command. During the data phase
these pins are used as byte enables. The byte enables for the upper 32 bits of data
(C/BE[7:4]) are used only during 64-bit transfers that are determined by the
REQ64#/ACK64# protocol.
These pins are also used for initialization pinstrapping to configure various startup
parameters of the AMD-762 system controller. The initialization pinstraps are configured
with a weak pullup or pulldown and sampled by the AMD-762 system controller during
system reset. Refer to the “Initialization Pinstrapping” section at the end of this table for
further details.
DEVSEL#
B
STS
PCI Device Select
The AMD-762 system controller asserts this pin when an external bus master drives a valid
address within the AMD-762 system controller’s memory region, as defined by the PCI
Top of Memory register (Dev 0:F0:0x9C). The AMD-762 system controller responds only to
memory cycles. This pin is sampled by the AMD-762 system controller when the CPU
accesses a PCI target.
FRAME#
B
STS
PCI Cycle Frame
The FRAME# pin is asserted by the AMD-762 system controller to indicate the beginning
of a bus transaction. FRAME# is sampled by the AMD-762 PCI target controller when an
external bus master is performing a transaction on the PCI bus.
GNT[6:0]#
O
TS
PCI Bus Grant
As the PCI bus arbiter, the AMD-762 system controller asserts one of these device-specific
bus grant signals off the rising clock edge to indicate to an initiator that it has been
granted control of the PCI bus the next time the bus is idle. In 66-MHz PCI mode only,
GNT[2:0]# are used and all other grant pins are unconnected on the motherboard.
GNT[6:0]# signals are never floated. They are negated off the rising edge of the PCICLK
input, indicating that no device has been granted the bus. One of the GNT[6:0]# signals is
asserted off the rising edge of the clock, indicating the particular channel that is granted
use of the bus.
These pins are also optionally used in test modes as described in Table 36 on page 98,
and in Chapter 3.
Table 34.
Signal Descriptions (Continued)
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com