Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 44Page - Advanced Micro Devices AMD-762 Datasheet HTML 45Page - Advanced Micro Devices AMD-762 Datasheet HTML 46Page - Advanced Micro Devices AMD-762 Datasheet HTML 47Page - Advanced Micro Devices AMD-762 Datasheet HTML 48Page - Advanced Micro Devices AMD-762 Datasheet HTML 49Page - Advanced Micro Devices AMD-762 Datasheet HTML 50Page - Advanced Micro Devices AMD-762 Datasheet HTML 51Page - Advanced Micro Devices AMD-762 Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 122 page
background image
36
Test
Chapter 3
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
to some I/O cells that cannot be asynchronously forced into a
three-state mode.
Board test mode is entered when the AD[25] pin is asserted
High simultaneous with the TEST# pin during RESET#
assertion. The test mode is then latched coming out of reset.
The AD[09] pin should also be pulled up to force the internal
PLLs to be bypassed.
Three-state mode can be exited by an assertion of the RESET#
pin. This reset also disables the PLL bypass mode if it was
entered.
3.1.1
Board Test Mode Clocking
When entering three-state mode, the PLLs should also be
bypassed as described above. This procedure forces the clocks
driven on the SYSCLK and AGPCLK input pins to be routed
directly to the appropriate clock domains. The SYSCLK and
AGPCLK pins must then be clocked for six clocks as required to
force some AMD-762 system controller I/O pads to the three-
state mode.
3.2
NAND Tree Test Mode
NAND tree testing is used on the tester and can also be used
during board testing to test connectivity of AMD-762 system
controller inputs. In this test mode, each AMD-762 system
controller input can be asserted one pin at a time, and for each
pin assertion there should be a change in state on the output of
the respective NAND tree. The AMD-762 system controller
pr o v ides m u ltipl e NA N D tr ees, whi c h speeds up
characterization of the device, and also reduces motherboard
test time. The AMD-762 system controller NAND trees are
divided by I/O type, which create the following trees:
n
AMD Athlon system bus NAND tree
This tree includes all signals on the AMD Athlon processor
system bus. SYSCLK is not included in the NAND tree. The
output of this tree is the GNT[0]# pin. The ordering for this
NAND tree is shown in Table 2 on page 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com