Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 16Page - Advanced Micro Devices AMD-762 Datasheet HTML 17Page - Advanced Micro Devices AMD-762 Datasheet HTML 18Page - Advanced Micro Devices AMD-762 Datasheet HTML 19Page - Advanced Micro Devices AMD-762 Datasheet HTML 20Page - Advanced Micro Devices AMD-762 Datasheet HTML 21Page - Advanced Micro Devices AMD-762 Datasheet HTML 22Page - Advanced Micro Devices AMD-762 Datasheet HTML 23Page - Advanced Micro Devices AMD-762 Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 122 page
background image
8
Functional Operation
Chapter 2
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
2.1.2
Point-to-Point, Source Synchronized
All of the AMD Athlon system bus signals use a terminated,
point-to-point topology—that is, there is one signal connection
plus termination on each end of each wire. The terminated
point-to-point topology allows the use of incident wave
signalling, eliminating most of the time for transmission line
reflections. This feature allows high-transfer speeds while
mainta ining high signal integ rity. All data transfer is
synchronized by a clock generated at the data source. The clock
and data propagate over matched length paths, minimizing
skew between clock and data, and the data is sampled at the
destination using this forwarded clock.
Data is sampled into a FIFO at the receiver synchronous to the
forwarded clock and read out of FIFO a programmable number
of processor clocks later, reducing all metastability concerns.
The initialization procedure establishes the location of a
common ClockN on both ends of the wire to within the system
wide, clock distribution skew. A data object, transmitted from
one end of the wire on ClockM, is sampled into the FIFO at the
other end of the wire by ClockM forwarded with the data. It is
read from the FIFO by ClockM+X that is generated in the
receivers clock domain, X clocks later. X is a programmed
constant that accounts for the worst case propagation delay.
A detailed description of the AMD Athlon system bus,
including operations, initialization, and timing can be found in
the AMD Athlon™ System Bus Specification, order# 21902, and
the AMD Athlon™ System Bus Design Guide, order# 22666.
2.1.3
Push-Pull Compensation
The AMD-762 system controller provides push-pull driver
configuration. The push-pull driver scheme implements drivers
with a user-defined output impedance. This feature allows the
point-to-point signals to be source terminated without any
external devices, greatly simplifying layout and reducing cost.
In current semiconductor technology, it is not possible to
implement a transistor with a tightly controlled impedance
over realistic voltage, temperature, and process parameters.
Fo r t h is reason, a dy namic c o mpensat i on scheme is
implemented. For a push-pull transmission line example, see
Figure 3 on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com