Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 98 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 98 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 94Page - Advanced Micro Devices AMD-762 Datasheet HTML 95Page - Advanced Micro Devices AMD-762 Datasheet HTML 96Page - Advanced Micro Devices AMD-762 Datasheet HTML 97Page - Advanced Micro Devices AMD-762 Datasheet HTML 98Page - Advanced Micro Devices AMD-762 Datasheet HTML 99Page - Advanced Micro Devices AMD-762 Datasheet HTML 100Page - Advanced Micro Devices AMD-762 Datasheet HTML 101Page - Advanced Micro Devices AMD-762 Datasheet HTML 102Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 122 page
background image
86
Signal Descriptions
Chapter 7
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
REQ[6:0]#
I
PCI Bus Request
As the PCI bus arbiter, the AMD-762™ system controller samples these device-specific bus
request signals to determine if another agent requires control of the PCI bus. In 66-MHz
PCI mode only, REQ[2:0]# is used and all remaining request signals must be pulled up to
the inactive state.
These signals are sampled by the rising edge of every PCICLK. If active, the arbiter issues
the corresponding GNT[6:0]# when the bus is available.
REQ64#
B
STS
Request 64
This pin is used to signal that the master requests a 64-bit transfer. The AMD-762 system
controller must assert this signal (Low) during reset (RESET# asserted Low) to signal
64-bit devices that they can operate in 64-bit mode.
ACK64#
B
STS
Acknowledge 64
This pin is used to signal that the agent is capable of completing a 64-bit transfer.
RESET#
I
System Reset
Asserting RESET# resets the AMD-762 system controller and sets all register bits to their
default values (except memory controller registers as required for ACPI S3 support).
Bidirectional signals are three-stated and outputs are driven inactive. RESET# is driven by
the PCIRST# output of the AMD-768™ peripheral bus controller or AMD-766™ peripheral
bus controller. See “Pin States at Reset” on page 98.
This signal may be asynchronous to SYSCLK and PCICLK. It is synchronized internally,
therefore it must be active for a minimum of four PCICLK periods.
SERR#
O
OD
PCI System Error
SERR# is used by the AMD-762 system controller to transfer GART errors, ECC errors, or
AGP A_SERR# pin assertion errors to error reporting logic on the AMD-766 peripheral bus
controller.
STOP#
B
STS
PCI Stop
As a target, the STOP# signal is asserted by the AMD-762 PCI target logic to initiate a
target disconnect, ending the current transfer. As a master, the AMD-762 system controller
ends the current transfer when it samples the STOP# signal asserted.
TRDY#
B
STS
PCI Target Ready
TRDY# is asserted by the AMD-762 system controller during accesses of DRAM by an
external bus master when read data is valid or when the target logic is ready to receive
write data. This signal is sampled by the AMD-762 PCI master logic when the AMD-762
system controller is accessing an external PCI target.
This pin is also optionally used in test modes as described in Table 36 on page 98, and in
Chapter 3.
Table 34.
Signal Descriptions (Continued)
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com