Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 65Page - Advanced Micro Devices AMD-762 Datasheet HTML 66Page - Advanced Micro Devices AMD-762 Datasheet HTML 67Page - Advanced Micro Devices AMD-762 Datasheet HTML 68Page - Advanced Micro Devices AMD-762 Datasheet HTML 69Page - Advanced Micro Devices AMD-762 Datasheet HTML 70Page - Advanced Micro Devices AMD-762 Datasheet HTML 71Page - Advanced Micro Devices AMD-762 Datasheet HTML 72Page - Advanced Micro Devices AMD-762 Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 122 page
background image
Chapter 4
Electrical Data
57
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
Figure 15.
DDR Clock Specifications
Table 21 shows the AMD-762 system controller preliminary
timing information.
DDR Write Timing
Figure 16 on page 58 shows a DDR interface output block
diagram. Figure 17 on page 59 shows basic AC timing for DDR
write cycles.
Note: All information shown under DDR Write Timing is preliminary.
tCKlo
tCKhi
CLKOUTH[5:0]
CLKOUTL[5:0]#
Table 21.
AMD-762™ System Controller Preliminary DDR Timing Information*
Symbol
Parameter Description
Min
Max
Unit
Figure
VIL (AC)
AC Input Low Voltage
VREF – 0.35
V
VIH (AC)
AC Input High Voltage
VREF + 0.35
V
tADsu
ADDR/CMD Setup to CK
7.5
8.5
ns
Figure 17
on page 59
tADhld
ADDR/CMD Hold from CK
2.5
3.6
ns
tDQsu
DQ/DM Setup to DQS
2.4
2.5
ns
tDQhld
DQ/DM Hold from DQS
2.4
2.6
ns
tWPREsu
Write Preamble Setup
2.8
3.4
ns
tWPREhld
Write Preamble Hold
5.1
5.8
ns
tWpostA
Write Postamble
4.5
5.0
ns
tDSsu
DQS Falling Edge to Next CK Rising Edge
5.2
5.6
ns
tDQSdly
Write Command to First DQS Latching Transition
9.0
9.9
ns
Notes:
* This table contains preliminary information, which is subject to change. Timing reference load (applied to all chip-level outputs) used for all
information contained herein is a 30-pF capacitance. A CAS latency of 2.5 is used unless otherwise indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com