Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 60Page - Advanced Micro Devices AMD-762 Datasheet HTML 61Page - Advanced Micro Devices AMD-762 Datasheet HTML 62Page - Advanced Micro Devices AMD-762 Datasheet HTML 63Page - Advanced Micro Devices AMD-762 Datasheet HTML 64Page - Advanced Micro Devices AMD-762 Datasheet HTML 65Page - Advanced Micro Devices AMD-762 Datasheet HTML 66Page - Advanced Micro Devices AMD-762 Datasheet HTML 67Page - Advanced Micro Devices AMD-762 Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 122 page
background image
52
Electrical Data
Chapter 4
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
Table 14.
AGP 2x and 4x Mode DC Specifications*
DC Specifications for 2x Mode Only at 3.3-Volt Signalling
Symbol
Parameter Description
Condition
Min
Max
Units
Notes
VREF
Input Reference Voltage
0.39 VDDQ
0.41 VDDQ
V1, 2
IREF
VREF Pin Input Current
0 < VIN < VDDQ
±10
µA2
CIN
Input Pin Capacitance
8
pF
3
∆CIN
Strobe to Data Pin Capacitance Delta
–12
pF
3, 4
DC Specifications for 2x or 4x Mode at 1.5-Volt Signalling
Symbol
Parameter Description
Condition
Min
Max
Units
Notes
VREF
Input Reference Voltage
0.48 VDDQ
0.52 VDDQ
V1, 2
IREF
VREF Pin Input Current
0 < VIN < VDDQ
±5
µA2
CIN
Input Pin Capacitance
8
pF
3
∆CIN
Strobe to Data Pin Capacitance Delta 2x Mode
4x Mode
–1
–1
2
1
pF
3, 4
Notes:
*This table contains preliminary information, which is subject to change.
1. AGP allows differential input receivers to achieve the tighter timing tolerances needed for 133 Mbytes/s. Nominal value of VREF is 0.4
VDDQ for 3.3-V signalling and 0.5-VDDQ for 1.5-V signalling. VREF can be designed with 2% resistors to achieve the specified minimum
and maximum values. The value of VREF is intended to specify the center point of the VIL/VIH range. For the 3.3-V signalling case, at
nominal VDDQ (3.3 V), VREF is 1.32 V ± 2.5%. A single input interface buffer can be designed to meet the VIL/VIH levels of both the
AGP and PCI specifications. As in other AGP specifications, note that the VDDQ references the I/O ring supply voltage and not the
component supply.
2. Although a differential input buffer is not a required implementation, it is recommended especially at higher data transfer rates
where there is less timing margin. All designs regardless of implementation style must meet all other specifications. Component
designs requiring a reference are required to adhere to the VREF and IREF specifications and to facilitate a common reference circuit.
(A common reference circuit is not applicable to add-in card designs, because VREF is not supplied via the connector.)
3. Capacitance specifications refer only to pin capacitance on the AGP-compliant components used on the AGP interface.
4. Delta CIN is required to restrict timing variations resulting from differences in input pin capacitance between the strobe and associ-
ated data pins. This delta only applies between signal groups and their associated strobes: AD_STB1, AD_STB1#=>AD[31::16], and
C/BE[3::2]; AD_STB0, AD_STB0#=>AD[15::00], and C/BE[1::0]#; SB_STB, SB_STB#=>SBA[7::0]. (Complementary strobes apply to
4x mode only.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com