Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 75 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 71Page - Advanced Micro Devices AMD-762 Datasheet HTML 72Page - Advanced Micro Devices AMD-762 Datasheet HTML 73Page - Advanced Micro Devices AMD-762 Datasheet HTML 74Page - Advanced Micro Devices AMD-762 Datasheet HTML 75Page - Advanced Micro Devices AMD-762 Datasheet HTML 76Page - Advanced Micro Devices AMD-762 Datasheet HTML 77Page - Advanced Micro Devices AMD-762 Datasheet HTML 78Page - Advanced Micro Devices AMD-762 Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 122 page
background image
Chapter 4
Electrical Data
63
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
Table 22.
AGP 1x Mode Timings*
Symbol
Parameter Description
Preliminary Data
Figure
Notes
Min
Max
Input Signal Requirements
tsu
A_AD[31:0] Setup Time
5.5 ns
20
1
Setup time for
A_FRAME#A_STOP#
A_TRDY#A_DEVSEL#
A_IRDY#A_C/BE[3:0]#
A_REQ# ADSTB[1:0] SBA[7:0]
SBSTB
RBF#WBF#
6 ns
20
1
th
A_AD[31:0] Hold Time
0 ns
20
1
Hold time for
A_FRAME#A_STOP#
A_TRDY#A_DEVSEL#
A_IRDY#A_C/BE[3:0]#
A_REQ# ADSTB[1:0] SBA[7:0]
SBSTB
RBF#WBF#
0 ns
20
1
Output Signal Characteristics
tvd
A_AD[31:0] Valid Delay
1 ns
6.0 ns
20
1
A_C/BE[3:0]# Valid Delay
1 ns
5.5 ns
20
1
Valid Delay for
A_FRAME#A_STOP#
A_TRDY#A_DEVSEL#
A_IRDY#
A_GNT#
1 ns
5.5 ns
20
1
tfd
Float Delay (Active to Float)
1 ns
14 ns
ton
Turn-on Delay (Float to Active)
1 ns
6 ns
Note:
* This table contains preliminary information, which is subject to change.
1. These signals are specified with a 10-pF load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com