Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 12Page - Advanced Micro Devices AMD-762 Datasheet HTML 13Page - Advanced Micro Devices AMD-762 Datasheet HTML 14Page - Advanced Micro Devices AMD-762 Datasheet HTML 15Page - Advanced Micro Devices AMD-762 Datasheet HTML 16Page - Advanced Micro Devices AMD-762 Datasheet HTML 17Page - Advanced Micro Devices AMD-762 Datasheet HTML 18Page - Advanced Micro Devices AMD-762 Datasheet HTML 19Page - Advanced Micro Devices AMD-762 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 122 page
background image
4
Features
Chapter 1
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
1.4
AGP Features
The AGP features include the following:
n
Bus Features
•
Compliance with Accelerated Graphics Port Interface
Specification, Revision 2.0
•
Synchronous 66-MHz 1x, 2x, and 4x data-transfer modes
•
Multiplexed and demultiplexed transfers
•
Up to four pipelined grants
•
Support of Sideband Address (SBA) bus
n
Request Queue Features
•
Separate read-request and write-request queues
•
Reordering of high-priority requests over low-priority
requests in queue
•
Simultaneous issuing of requests from both the write
queue and read queue
n
Graphics Address Remapping Table (GART) Features
•
Conventional (two-level) GART scheme
•
Eight-entry, fully-associative GART table cache
•
Three fully-associative GART directory caches
One 4-entry for PCI
One 8-entry for the processor
One 16-entry for AGP
1.5
Power Management
The power management features include the following:
n
Compliance support for both Advanced Configuration and
Power Interface (ACPI) and Microsoft® PC 99 power
management
n
The AMD-762 system controller supports the following
power states:
•
ACPI S1 (power on suspend) and S3 (suspend to RAM)
sleep states
•
Clock throttling with the processor’s STPCLK#/stop
grant mechanism



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com