Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 59Page - Advanced Micro Devices AMD-762 Datasheet HTML 60Page - Advanced Micro Devices AMD-762 Datasheet HTML 61Page - Advanced Micro Devices AMD-762 Datasheet HTML 62Page - Advanced Micro Devices AMD-762 Datasheet HTML 63Page - Advanced Micro Devices AMD-762 Datasheet HTML 64Page - Advanced Micro Devices AMD-762 Datasheet HTML 65Page - Advanced Micro Devices AMD-762 Datasheet HTML 66Page - Advanced Micro Devices AMD-762 Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 122 page
background image
Chapter 4
Electrical Data
51
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
Table 13.
AGP 1x Mode DC Specifications*
DC Specifications for AGP 1x Signalling at 3.3 Volts
Symbol
Parameter Description
Condition
Min
Max
Units
Notes
VIH
Input High Voltage
0.5 VDDQ
VDDQ + 0.5
V
VIL
Input Low Voltage
—0.5
0.3 VDDQ
V
IIL
Input Leakage Current
0 < VIN < VDDQ
±10
µA
VOH
Output High Voltage
IOUT = –500 µA0.9 VDDQ
V
VOL
Output Low Voltage
IOUT = 1500 µA0.1 VDDQ
V
CIN
Input Pin Capacitance
8
pF
1
DC Specifications for AGP 1x Signalling at 1.5 Volts
Symbol
Parameter Description
Condition
Min
Max
Units
Notes
VIH
Input High Voltage
0.6 VDDQ
VDDQ + 0.5
V
VIL
Input Low Voltage
—0.5
0.4 VDDQ
V
IIL
Input Leakage Current
0 < VIN < VDDQ
±10
µA
VOH
Output High Voltage
IOUT = –200 µA
0.85 VDDQ
V
VOL
Output Low Voltage
IOUT = 1000 µA0.15 VDDQ
V
CIN
Input Pin Capacitance
8
pF
1
Notes:
*This table contains preliminary information, which is subject to change.
1. Absolute maximum pin capacitance for an AGP-compliant component input is 8 pF (except for CLK) with an exception granted to
motherboard-only devices, which could be up to 16 pF in order to accommodate PGA packaging. Generally, this means that com-
ponents for expansion boards need to use alternatives to ceramic PGA packaging—that is, PQFP, BGA, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com