Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 73Page - Advanced Micro Devices AMD-762 Datasheet HTML 74Page - Advanced Micro Devices AMD-762 Datasheet HTML 75Page - Advanced Micro Devices AMD-762 Datasheet HTML 76Page - Advanced Micro Devices AMD-762 Datasheet HTML 77Page - Advanced Micro Devices AMD-762 Datasheet HTML 78Page - Advanced Micro Devices AMD-762 Datasheet HTML 79Page - Advanced Micro Devices AMD-762 Datasheet HTML 80Page - Advanced Micro Devices AMD-762 Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 122 page
background image
Chapter 4
Electrical Data
65
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
Figure 21.
AGP 2x Strobe/Data Turnaround Timings
Table 24.
AGP 4x Mode Timings*
Symbol
Parameter Description
Preliminary Data
Figure
Notes
Min
Max
Transmitter Output Signals
tTSf
CLK to First Transmit Strobe
Transition
1.9 ns
8 ns
23
tTSr
CLK to Fourth Transmit Strobe
Transition
20 ns
23
tDvb
Data Valid Before Strobe
–0.95 ns
23
tDva
Data Valid After Strobe
1.15 ns
23
tONd
Float to Active Delay
–1 ns
7 ns
24
tOFFd
Active to Float Delay
1 ns
14 ns
24
tONS
Strobe Active to First Strobe Edge Setup
4 ns
9 ns
24
tOFFS
Last Strobe Edge to Strobe Float Delay
4 ns
9 ns
24
Receiver Input Signals
tRSsu
Receive Strobe Setup Time to CLK
6 ns
1
tRSh
Receive Strobe Hold Time from CLK
0.5 ns
1
tDsu
Data to Strobe Setup Time
0.40 ns
23
tDhld
Strobe to Data Hold Time
0.70 ns
23
Note:
* This table contains preliminary information, which is subject to change.
1. These specifications refer to the setup and hold times for the strobe set started in the previous cycle.
AGPCLK
AD
Strobe
tfd
tONd
tOFFS
tONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com