Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 56Page - Advanced Micro Devices AMD-762 Datasheet HTML 57Page - Advanced Micro Devices AMD-762 Datasheet HTML 58Page - Advanced Micro Devices AMD-762 Datasheet HTML 59Page - Advanced Micro Devices AMD-762 Datasheet HTML 60Page - Advanced Micro Devices AMD-762 Datasheet HTML 61Page - Advanced Micro Devices AMD-762 Datasheet HTML 62Page - Advanced Micro Devices AMD-762 Datasheet HTML 63Page - Advanced Micro Devices AMD-762 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 122 page
background image
48
Electrical Data
Chapter 4
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
4.2
Operating Ranges
The AMD-762 system controller is designed to provide
func tional operation i f the vo l t age and t e mpera t ure
parameters are within the limits defined in Table 9.
Table 9.
Operating Ranges*
Parameter
Minimum
Typical
Maximum
Comments
REF_5V
4.75
5.0
5.25
For PCI 5-V tolerance
VDD_CORE,
A_VDD
2.375 V
2.5 V
2.625 V
Also includes DDR I/Os
K7_VCORE
1.50 V
1.6 V
1.70 V
AMD Athlon™ system bus
I/O VDD
VDD_AGP
1.425 V
1.5 V
1.575 V
1x/2x/4x modes
VDD_AGP
3.135 V
3.3 V
3.465 V
1x/2x modes only
VDD_PCI
3.135 V
3.3 V
3.465 V
3.3-V signalling
environment only
TCASE
85
°C
*This table contains preliminary information, which is subject to change. The voltage applied to V
DD should
never exceed the voltage applied to REF_5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com