Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 25Page - Advanced Micro Devices AMD-762 Datasheet HTML 26Page - Advanced Micro Devices AMD-762 Datasheet HTML 27Page - Advanced Micro Devices AMD-762 Datasheet HTML 28Page - Advanced Micro Devices AMD-762 Datasheet HTML 29Page - Advanced Micro Devices AMD-762 Datasheet HTML 30Page - Advanced Micro Devices AMD-762 Datasheet HTML 31Page - Advanced Micro Devices AMD-762 Datasheet HTML 32Page - Advanced Micro Devices AMD-762 Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 122 page
background image
Chapter 2
Functional Operation
17
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
asserts its PCI request pin, but the Southbridge is allowed to
complete its transactions before the SBGNT# is deasserted.
Southbridge with an
Integrated PCI-PCI
Bus Bridge
A significant performance benefit of the AMD-762 system
controller is the support of a 66-MHz, 64-bit PCI bus. This
allows the system to support peripherals that consume much
higher bandwidth, but it requires a 66-MHz Southbridge and is
limited to a maximum of two additional PCI slots due to the
tight 66-MHz PCI timing.
In this configuration, an AMD-768™ peripheral bus controller
supports a 66-MHz PCI primary bus, and integrates a PCI to
PCI bridge. The secondary bus of this bridge supports a 32-bit,
33-MHz PCI bus that supports up to seven slots that can be
used for less bandwidth-intensive peripherals. In this system
configuration, the Southbridge connects to the AMD-762
system controller’s REQ[0]# and GNT[0]# request/grant pair,
and the two optional slots on the primary bus connect to the
REQ[2:1]# and GNT[2:1]# pairs. All 32-bit, 33-MHz PCI slots
are arbitrated by the Southbridge and therefore connect their
request/grant pairs to the Southbridge.
Note: Only REQ[2:0]# and GNT[2:0]# should be used when
operating the primary PCI Bus at 66 MHz.
Arbitration Priority
Access priority rotates between the Southbridge (when
connected to the SBGNT# pin) and CPU/PCI bus masters
(GNT[6:0]#) such that the following arbitration sequence could
be seen in a busy system:
1. Southbridge (SBGNT# pin only)
2. CPU
3. Southbridge (SBGNT# pin only)
4. PCI master (one of GNT[6:0]#)
5. Repeat step 1
The SBREQ#/SBGNT# pin should be used only with a legacy
Southbridge such as described in “Legacy Mode—Single PCI
Bus Southbridge” on page 16.
When there are no requests for the bus, ownership can default
to either processor through the AMD-762 system controller or
the last PCI bus master that had bus ownership. This mode is
called bus parking and is controlled by the PCI Arbitration
Control register (Dev 0:F0, 0x84, bit 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com