Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 97 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 97 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 93Page - Advanced Micro Devices AMD-762 Datasheet HTML 94Page - Advanced Micro Devices AMD-762 Datasheet HTML 95Page - Advanced Micro Devices AMD-762 Datasheet HTML 96Page - Advanced Micro Devices AMD-762 Datasheet HTML 97Page - Advanced Micro Devices AMD-762 Datasheet HTML 98Page - Advanced Micro Devices AMD-762 Datasheet HTML 99Page - Advanced Micro Devices AMD-762 Datasheet HTML 100Page - Advanced Micro Devices AMD-762 Datasheet HTML 101Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 122 page
background image
Chapter 7
Signal Descriptions
85
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
IRDY#
B
STS
PCI Initiator Ready
The AMD-762™ system controller asserts this signal during PCI transactions to indicate
that write data is valid or it is ready to receive read data. It is sampled by the AMD-762
system controller during memory transactions by external bus masters to DRAM.
This pin is also optionally used in test modes as described in Table 36 on page 98, and in
Chapter 3.
PAR
B
TS
PCI Bus Parity
PAR is used to generate and check for even parity across the AD[31:0] and C/BE[3:]# pins.
The AMD-762 system controller generates but does not check parity.
This pin is also optionally used in test modes as described in Table 36 on page 98, and in
Chapter 3.
PAR64
B
TS
Parity 64
This pin is used to provide the parity bit for the upper 32 bits of data and upper four byte enables.
PCICLK
I
PCI Clock
PCICLK is a 33.33-MHz clock provided by the system clock generator. It is used by the
AMD-762 system controller logic in the PCI clock domain when operating in 33-MHz
mode only. When operating in 66/33-MHz mode, this pin is used as the feedback clock to
the internal PLL. Refer to Chapter 2 for details on the PCI clocking options in the AMD-762
system controller.
M66EN
I
66-MHz Enable
This signal indicates that all peripherals on the PCI bus segment support 66-MHz
operation. When Low, this signal indicates that a card is installed that supports only
33-MHz (or below) operation, and the AMD-762 system controller must operate at this
speed instead of 66 MHz.
PCI_66CLK[2:0]
O
66-MHz PCI Clock Outputs
These clocks are provided to a 66-MHz Southbridge and two 66-MHz PCI slots when
operating in 66/33-MHz PCI mode. When operating in 33-MHz-only mode, these pins are
unused. Note that if the M66EN pin (see above) is deasserted, then these clocks are scaled
back to 33 MHz. Refer to Chapter 2 for details on the PCI clocking options in the AMD-762
system controller.
SBGNT#
O
TS
PCI Grant to Peripheral Bus Controller
SBGNT# grants control of the PCI bus to the PCI-ISA/IDE bridge functions implemented in
the AMD-768™ peripheral bus controller or AMD-766™ peripheral bus controller.
SBGNT# is driven off the rising edge of PCICLK. RESET# forces SBGNT# inactive. SBGNT#
is asserted in response to a SBREQ#. SBGNT# and GNT[6:0]# all grant control of the bus
to an external device.
SBREQ#
I
PCI Request from Peripheral Bus Controller
The AMD-762 system controller samples SBREQ# to determine if the AMD-768 or
AMD-766 peripheral bus controller needs PCI bus access.
This signal is sampled by the rising edge of every PCICLK. If asserted, the arbiter issues a
SBGNT# when the bus is available.
Table 34.
Signal Descriptions (Continued)
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com