Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 24Page - Advanced Micro Devices AMD-762 Datasheet HTML 25Page - Advanced Micro Devices AMD-762 Datasheet HTML 26Page - Advanced Micro Devices AMD-762 Datasheet HTML 27Page - Advanced Micro Devices AMD-762 Datasheet HTML 28Page - Advanced Micro Devices AMD-762 Datasheet HTML 29Page - Advanced Micro Devices AMD-762 Datasheet HTML 30Page - Advanced Micro Devices AMD-762 Datasheet HTML 31Page - Advanced Micro Devices AMD-762 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 122 page
background image
16
Functional Operation
Chapter 2
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
2.3.1
Memory Coherency
The AMD-762 system controller assures that all data accesses
remain coherent:
•
All PCI/AGP accesses not in the GART range generate
processor probes assuring that reads receive only the latest
version of the data and that writes update only the latest
version of the data. Writes are always performed in order.
•
The GART range is by definition not cacheable. As a result,
all PCI/AGP accesses that are in the GART range are
subject to non-cacheable ordering rules—that is, they do not
generate probes to the processor, writes are performed in
order, and reads receive the results of all earlier writes.
•
Processor accesses to addresses mapped by the GART range
can either use the GART for the final address translation or
map the addresses through its page tables as a non-
cacheable memory type.
2.3.2
PCI Arbitration
The AMD-762 system controller contains arbitration logic that
allocates ownership of the PCI bus among itself on behalf of
the processors, the Southbridge, and other PCI initiators.
The AMD-762 supports up to seven bus grant pins and a
dedicated grant pin for the Southbridge when operating in
legacy mode. The request/grant pairs used depend on the
system configuration supported as described in the following
sections.
Legacy Mode—Single
PCI Bus Southbridge
The legacy mode implies a standard system configuration
where the PCI bus typically operates at 33 MHz with a common
Southbridge such as the AMD-766 peripheral bus controller.
All PCI agents connect to this PCI bus segment and their
request grant pairs are connected to the AMD-762 system
contro lle r’s REQ[6: 0]# and GNT[6: 0]# pi ns, while the
Southbridge connects to the SBREQ#/SBGNT# pins.
The SBREQ#/SBGNT# pins are treated differently than the
standard request/grant pairs as is required for legacy ISA DMA
cycles. To avoid potential deadlock conditions, the AMD-762
system controller allows the SBREQ# to be asserted for
extended periods of time. Bus masters using the REQ[6:0]# and
GNT[6:0]# signals are preempted when another requestor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com