Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 80 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 80 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 76Page - Advanced Micro Devices AMD-762 Datasheet HTML 77Page - Advanced Micro Devices AMD-762 Datasheet HTML 78Page - Advanced Micro Devices AMD-762 Datasheet HTML 79Page - Advanced Micro Devices AMD-762 Datasheet HTML 80Page - Advanced Micro Devices AMD-762 Datasheet HTML 81Page - Advanced Micro Devices AMD-762 Datasheet HTML 82Page - Advanced Micro Devices AMD-762 Datasheet HTML 83Page - Advanced Micro Devices AMD-762 Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 122 page
background image
68
Electrical Data
Chapter 4
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
Table 25. 33-MHz PCI Interface Timings*
Symbol
Parameter Description
Preliminary Data
Figure
Notes
Min
Max
tsu
AD[63:0] Setup Time
7 ns
20
SBREQ#, REQ[6:0]# Setup Time
12 ns
20
Setup Time for
FRAME# STOP#
TRDY# DEVSEL#
IRDY#
C/BE[3:0]#
RESET#
WSC#
REQ64# ACK64#
7 ns
20
th
AD[63:0] Hold Time
0 ns
20
Hold Time for
FRAME# STOP#
TRDY# DEVSEL#
IRDY#
C/BE[3:0]#
SBREQ# REQ[3:0]#
WSC#
ACK64#
REQ64#
0 ns
20
tvd
AD[31:0] Valid Delay
(address phase)
2 ns
11 ns
20
1
AD[63:0] Valid Delay
(data phase)
2 ns
11 ns
20
1
Valid Delay for
FRAME# STOP#
TRDY# DEVSEL#
IRDY#
C/BE[3:0]#
GNT[3:0]#WSC#
REQ64# ACK64#
2 ns
11 ns
20
1
SBGNT# Valid Delay
2 ns
12 ns
20
tfd
Float Delay for
FRAME# STOP#
TRDY# DEVSEL#
IRDY#
C/BE[3:0]# WSC#
REQ64#
ACK64#
28 ns
1
tpw
RESET# Pulse Width
2 clks
20
Note:
* This table contains preliminary information, which is subject to change.
1. Measurements are taken with no load for tmin, and 50 pF for tmax.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com