Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 55Page - Advanced Micro Devices AMD-762 Datasheet HTML 56Page - Advanced Micro Devices AMD-762 Datasheet HTML 57Page - Advanced Micro Devices AMD-762 Datasheet HTML 58Page - Advanced Micro Devices AMD-762 Datasheet HTML 59Page - Advanced Micro Devices AMD-762 Datasheet HTML 60Page - Advanced Micro Devices AMD-762 Datasheet HTML 61Page - Advanced Micro Devices AMD-762 Datasheet HTML 62Page - Advanced Micro Devices AMD-762 Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 122 page
background image
Chapter 4
Electrical Data
47
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
4
Electrical Data
4.1
Absolute Ratings
The AMD-762™ system controller is not designed to operate
beyond the parameters shown in Table 8.
Note: The absolute ratings in Table 8 and associated conditions
must be adhered to in order to avoid damage to the
AMD-762 system controller and motherboard. Systems
using the AMD-762 system controller must be designed to
ensure that the power supply and system logic board
guarantee
that
these
parameters
are
not
violated.
VIOLATION OF THE ABSOLUTE RATINGS WILL VOID
THE PRODUCT WARRANTY.
Table 8.
Absolute Ratings*
Parameter
Minimum
Maximum
Comments
VDD_CORE,
A_VDD, K7_VCORE
–0.5 V
3.6 V
Core, PLL, DDR I/O,
and AMD Athlon™
System Bus I/O
supplies
VDD_AGP,
VDD_PCI
–0.5 V
4.6 V
AGP and PCI I/O
supplies
REF_5V
–0.5 VI
5.25 V
VPIN DDR
–0.5 V
4.6 V
VPIN AMD Athlon
System Bus
–0.5 V
3.6 V
VPIN PCI
–0.5 V
5.25 V
VPIN AGP
–0.5 V
4.6 V
VPIN Miscellaneous
–0.5 V
4.6 V
TCASE (Under Bias)
85
°C
TSTORAGE
-65
°C150 °C
*This table contains preliminary information, which is subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com