Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 64Page - Advanced Micro Devices AMD-762 Datasheet HTML 65Page - Advanced Micro Devices AMD-762 Datasheet HTML 66Page - Advanced Micro Devices AMD-762 Datasheet HTML 67Page - Advanced Micro Devices AMD-762 Datasheet HTML 68Page - Advanced Micro Devices AMD-762 Datasheet HTML 69Page - Advanced Micro Devices AMD-762 Datasheet HTML 70Page - Advanced Micro Devices AMD-762 Datasheet HTML 71Page - Advanced Micro Devices AMD-762 Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 122 page
background image
56
Electrical Data
Chapter 4
AMD-762™ System Controller Data Sheet
24416C—December 2001
Preliminary Information
Figure 14.
Clock Skew Requirements
4.5.2
DDR Interface Timing
Table 19 and Table 20 show the DDR SDRAM interface
timings. Figure 15 on page 57 shows DDR clock specifications.
The AMD-762 system controller’s DDR DRAM interface complies
to JEDEC specifications for 100/133-MHz device timing.
SYSCLK
AGPCLK
tSkew
1.15 V
0.4 (VDD_PCI)
tSkew
Table 19.
DDR Clock Switching Characteristics for 100-MHz DDR Operation
Symbol
Parameter Description
Preliminary Data
Figure
Comments
Min
Max
Frequency
100 MHz
t1
CLKOUTH/L[5:0] High Time
4.75 ns
15
t2
CLKOUTH/L[5:0] Low Time
4.75 ns
15
CLKOUTH/L[5:0] Fall Time
0.86 ns
1.30 ns
Drive strength:
P = 3, N = 2;
PSLEW = 5, NSLEW = 5
CLKOUTH/L[5:0] Rise Time
0.86 ns
1.30 ns
CLKOUTH/L[5:0] Period Stability
± 2%
CLKOUTH/L[5:0] Skew
0
0.12 ns
Relative to all other
CLKOUTH/L pairs
*This table contains preliminary information, which is subject to change.
Table 20.
DDR Clock Switching Characteristics for 133-MHz DDR Operation
Symbol
Parameter Description
Preliminary Data
Figure
Comments
Min
Max
Frequency
133 MHz
t1
CLKOUTH/L[5:0] High Time
3.625 ns
15
t2
CLKOUTH/L[5:0] Low Time
3.625 ns
15
CLKOUTH/L[5:0] Fall Time
0.86 ns
1.30 ns
Drive strength:
P = 3, N = 2;
PSLEW = 5, NSLEW = 5
CLKOUTH/L[5:0] Rise Time
0.86 ns
1.30 ns
CLKOUTH/L[5:0] Period Stability
± 2%
CLKOUTH/L[5:0] Skew
0
0.12 ns
Relative to all other
CLKOUTH/L pairs
*This table contains preliminary information, which is subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com