Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 31Page - Advanced Micro Devices AMD-762 Datasheet HTML 32Page - Advanced Micro Devices AMD-762 Datasheet HTML 33Page - Advanced Micro Devices AMD-762 Datasheet HTML 34Page - Advanced Micro Devices AMD-762 Datasheet HTML 35Page - Advanced Micro Devices AMD-762 Datasheet HTML 36Page - Advanced Micro Devices AMD-762 Datasheet HTML 37Page - Advanced Micro Devices AMD-762 Datasheet HTML 38Page - Advanced Micro Devices AMD-762 Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 122 page
background image
Chapter 2
Functional Operation
23
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
The AMD-762 system controller provides the three 66-MHz
clocks required for the Southbridge and the two PCI bus slots
in this mode. If a 33-MHz-only card is inserted in one of the
66-MHz PCI slots, then the M66EN signal is deasserted, which
causes the AMD-762 system controller to drive 33 MHz on the
PCI_66CLK[2:0] pins.
The 66-MHz PCI mode is illustrated in Figure 7.
33-MHz PCI Bus
An alternate mode of PCI bus operation is illustrated in Figure
8 on page 24, and simply supports a standard 33-MHz PCI
Southbridge and up to seven PCI slots.
In this mode, all PCI devices operate at 33 MHz and clocking is
provided by the motherboard clock generator chip.
Figure 7.
System Clocking with 66-MHz PCI Primary Bus
100/133 MHz
66 MHz
SYSCLK
AGPCLK
CLKOUT[0]n
CLKOUT[1]n
CLKOUT[3]n
CLKOUT[2]n
DDR DIMMs
PCI_66CLK[2]
PCI_66CLK[1]
PCI_66CLK[0]
PCICLK
AMD-762™ System Controller
Northbridge
AMD-768™ Peripheral
Bus Controller
64-bit, 66-MHz
PCI Bus Slots
66 MHz
AGP Slot
32-bit, 33-MHz PCI Bus Slots
33 MHz
33 MHz
33-MHz PCI Clocks
Clock
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com