Electronic Components Datasheet Search
  English  ▼

X  

AMD-762 Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # AMD-762
Description  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 39Page - Advanced Micro Devices AMD-762 Datasheet HTML 40Page - Advanced Micro Devices AMD-762 Datasheet HTML 41Page - Advanced Micro Devices AMD-762 Datasheet HTML 42Page - Advanced Micro Devices AMD-762 Datasheet HTML 43Page - Advanced Micro Devices AMD-762 Datasheet HTML 44Page - Advanced Micro Devices AMD-762 Datasheet HTML 45Page - Advanced Micro Devices AMD-762 Datasheet HTML 46Page - Advanced Micro Devices AMD-762 Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 122 page
background image
Chapter 2
Functional Operation
31
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
lowest power sleep state, and allows very fast resume because
system context is stored in memory instead of on disk.
The S3 state is entered similarly to S1 with a Stop Grant special
cycle and DCSTOP#. After entering S3 state with DCSTOP#
assertion, the Southbridge asserts the RESET# signal, which
causes the AMD-762 system controller to gate off its I/O rings
to a ccom mo date the volta ges be ing rem oved fro m the
AMD Athlon processor system bus, PCI bus, and AGP bus. The
AMD-762 system controller core remains powered (2.5 Vdc) as
does the DDR I/O interface and the DDR DIMMs, to allow the
memory to remain in self-refresh mode with the CKE pins
driven Low. The sequence of operation for entering the S3 state
is listed below. Figure 11 on page 33 shows a suspend to RAM
system timing diagram example.
S3 Sequence
1. As with the S1 state, the device drivers are called to place
all devices into the D3 device state, which prevents them
from trying to master on the bus they reside (or access
system memory).
2. The ACPI driver (or BIOS under APM) writes to the
appropriate registers in the Southbridge to initiate the
hardware sequence into the S3 state. In response to this
write, the Southbridge asserts STPCLK# to the AMD Athlon
processors. Once STPCLK# has been asserted, the power
management state machine in the Southbridge waits for a
Stop Grant special cycle on the PCI bus before completing
the transition into the S3 state.
3. The CPUs recognize that STPCLK# has been asserted,
flushes internal buffers, and generates a Stop Grant cycle
on the AMD Athlon processor system bus.
4. After detecting both Stop Grant special cycles on the
processor buses, the AMD-762 system controller flushes all
internal
queues
including
outstanding
probes,
then
deasserts the CONNECT pins. The CPUs respond by
deasserting their respective PROCRDY pins.
5. When the disconnect is complete, the AMD-762 system
controller executes a self-refresh command to the DDR
SDRAM and waits for it to complete (this action is
accomplished by issuing an auto-refresh command and
driving the CKE signals Low to the DRAM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com