Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 13Page - NXP Semiconductors GD3160 Datasheet HTML 14Page - NXP Semiconductors GD3160 Datasheet HTML 15Page - NXP Semiconductors GD3160 Datasheet HTML 16Page - NXP Semiconductors GD3160 Datasheet HTML 17Page - NXP Semiconductors GD3160 Datasheet HTML 18Page - NXP Semiconductors GD3160 Datasheet HTML 19Page - NXP Semiconductors GD3160 Datasheet HTML 20Page - NXP Semiconductors GD3160 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
VDD, VCC, VCCREG, VEE in regulation, TJ = –40 °C to +150 °C, unless otherwise specified. All voltages referenced to GND1. Currents are
positive into and negative out of the specified pins.
Symbol
Parameter
Min
Typ
Max
Unit
PWM deadtime, DEADT = '0000',
0.128
0.16
0.329
μs
PWM deadtime, DEADT = '0001'
0.206
0.24
0.411
μs
PWM deadtime, DEADT = '0010'
0.4
0.44
0.617
μs
PWM deadtime, DEADT = '0011'
0.71
0.76
0.947
μs
PWM deadtime, DEADT = '0100'
0.982
1.04
1.235
μs
PWM deadtime, DEADT = '0101'
1.448
1.52
1.729
μs
PWM deadtime, DEADT = '0110'
1.952
2.04
2.265
μs
PWM deadtime, DEADT = '0111'
2.418
2.52
2.759
μs
PWM deadtime, DEADT = '1000'
2.922
3.04
3.295
μs
PWM deadtime, DEADT = '1001'
3.388
3.52
3.789
μs
PWM deadtime, DEADT = '1010'
3.892
4.04
4.325
μs
PWM deadtime, DEADT = '1011'
4.358
4.52
4.819
μs
PWM deadtime, DEADT = '1100'
4.862
5.04
5.355
μs
PWM deadtime, DEADT = '1101'
5.328
5.52
5.849
μs
PWM deadtime, DEADT = '1110'
5.832
6.04
6.385
μs
tMIN_DT
(TIME_2 = 0)
PWM deadtime, DEADT = '1111'
6.298
6.52
6.879
μs
Table 11. Low-voltage digital I/O electrical characteristics...continued
[1]
Pins: FSSTATE, FSENB, PWM, PWMALT, SCLK, CSB, MOSI
[2]
CSB, PWMALT connected to VDD
[3]
Guaranteed by design
[4]
MOSI, SCLK, PWM, FSSTATE, FSENB connected to GND1; FSISO connected to GND2
[5]
Pins: MISO, AOUT, INTA (when RTRPT = 1), I = 3.0 mA
[6]
Pins: INTB, INTA (when RTRPT = 0), I = 10 mA
[7]
Pins: MISO, AOUT, INTA (when RTRPT = 1), I = −2.0 mA
[8]
Pins: PWM, PWMALT
[9]
CLoad = 2 nF, guaranteed by design
[10] TIME_2_is Timer scaling bit of MODE1 register
VDD, VCC, VCCREG, VEE in regulation, TJ = −40 to +150 °C, unless otherwise specified. All voltages referenced to GND1. Currents are
positive into and negative out of the specified pins.
Limit value
Symbol
Parameter
Min
Typ
Max
Unit
fSPI
Frequency of SPI operation
[1] [2]
—
—
10
MHz
tlead
Falling edge of CSB to rising edge of SCLK (required setup time)
[2]
50
—
—
ns
tlag
Falling edge of SCLK to rising edge of CSB (required setup time)
[2]
50
—
—
ns
twh
High time of SCLK
[2]
45
—
—
ns
twl
Low time of SCLK
[2]
45
—
—
ns
tsu1
MOSI to rising edge of SCLK (required setup time)
[2]
15
—
—
ns
th
MOSI to rising edge of SCLK (required hold time)
[2]
15
—
—
ns
tSO(en)
Time from falling edge of CSB to MISO low impedance
[2]
—
—
30
ns
tSO(dis)
Time from Rising Edge of CSB to MISO high Impedance
[2]
—
—
30
ns
tvalid
Time from falling edge of SCLK to MISO data valid
[3] [2]
—
—
30
ns
Table 12. SPI timing
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
17 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com