Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 4Page - NXP Semiconductors GD3160 Datasheet HTML 5Page - NXP Semiconductors GD3160 Datasheet HTML 6Page - NXP Semiconductors GD3160 Datasheet HTML 7Page - NXP Semiconductors GD3160 Datasheet HTML 8Page - NXP Semiconductors GD3160 Datasheet HTML 9Page - NXP Semiconductors GD3160 Datasheet HTML 10Page - NXP Semiconductors GD3160 Datasheet HTML 11Page - NXP Semiconductors GD3160 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
Pin number
Pin name
Pin type
Definition
Comments
13
INTA
Output/digital
Interrupt/fault status/
monitor.
Output pin reports fault via active pulldown interrupt, or reports VCE or VGE
state via logic high/low. Pullup pin to VDD with a 50 kΩ resistor or left open if
unused.
14
FSSTATE
Input/digital
Fail-safe gate state
control pin.
Gate output control pin. Connect to GND1 if unused. Internal passive
pulldown to GND1.
15
FSENB
Input/digital
Fail-safe mode enable
pin.
Active-low pin enabling Fail-Safe mode (FSSTATE controls gate). Internal
passive pulldown to GND1. Connect to VDD if unused.
Pins 17 to 32 (high-voltage, isolated pins)
17, 32
GND2
Ground 2
Ground for isolated
(HV) domain power,
analog, and logic.
Redundant GND2 pins provide ground reference for all isolated high-voltage
(HV) domain. Isolated from all circuitry referenced to GND1. Connect to power
device emitter/source.
18
CLAMP
Input/analog
Sense terminal for
VCE/VDS overvoltage
during turn-off.
CLAMP detects Zener breakdown current and increase gate drive impedance
and employ soft shutdown for turn-off. Connect to VEE if unused.
19
DESAT
Input-output/
analog
Drive/sense terminal
for VCE/VDS
desaturation condition.
Connected to GND2 if unused.
20
ISENSE
Input/analog
Current sense
feedback pin.
Resistive network converts current mirror into readable voltage signal on
ISENSE. Connect to GND2 if unused.
21, 23
VEE
Input/power
Negative gate supply
voltage.
VEE is the negative voltage on the isolated domain, and is referenced to
GND2. Connect to GND2 if a negative supply is not used.
22
GL
Output/analog
Pulldown pin for output
gate turn-off/discharge
event.
GL pin pulls gate to VEE.
24
AMC
Input-output/
analog
Direct connect to gate
for gate voltage sense
and active Miller clamp
function.
AMC provides low-impedance holdoff (active Miller clamp) and senses VGE/
VGS for reporting and diagnostics.
25
GH
Output/analog
Pullup pin for output
gate turn-on event.
GH pin pulls gate to VCCREG.
26
AMUXIN
Input/analog
General-purpose input
for isolated ADC.
One of many SPI-selectable inputs for the isolated ADC. Connect to GND2 if
unused.
27
VCCREG
Output/power
Internally-regulated
positive gate supply.
Programmable gate supply derived from VCC, referenced to GND2. Connect
to VCC if unused.
28
VCC
Input/power
Positive voltage supply
for isolated domain
circuitry.
Referenced to GND2.
29
FSISO
Input/digital
HV domain pin to
enable the Fail-safe
state.
Active-high disables PWM, FSSTATE, and, according to the part number,
turns on gate (MGD3160AM515EK, MGD3160AM315EK, MGD3160
AM518EK or MGD3160AM318EK) or 3-states GATE (MGD3160AM535EK,
MGD3160AM335EK, MGD3160AM538EK or MGD3160AM338EK).
30
TSENSEA
Input/analog
Anode of temp sense
diode/NTC of the
power module.
TSENSEA reads back voltage from temperature sense element, and is
referenced to GND2. Includes possible current driver for temp sense network.
The temperature sense network cathode should be connected to GND2.
Connect to VREF if unused.
31
VREF
Output/power
Internally regulated
reference voltage for
HV domain analog,
ADC, and logic.
Output for an internally generated 5.0 V, 20 mA regulator. Referenced to
GND2.
Table 2. Pin definitions...continued
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
8 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com