Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 2Page - NXP Semiconductors GD3160 Datasheet HTML 3Page - NXP Semiconductors GD3160 Datasheet HTML 4Page - NXP Semiconductors GD3160 Datasheet HTML 5Page - NXP Semiconductors GD3160 Datasheet HTML 6Page - NXP Semiconductors GD3160 Datasheet HTML 7Page - NXP Semiconductors GD3160 Datasheet HTML 8Page - NXP Semiconductors GD3160 Datasheet HTML 9Page - NXP Semiconductors GD3160 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
6 Internal block diagram
Logic block 1
SCLK
CSB
MOSI
MISO
SPI
PWM
FSSTATE
INTB
INTA
Config, DT control,
cross conduction,
fault management,
safing
VSUP
TSENSEA
AMC
GH
VCC
VCCREG
VEE
(2 pins)
aaa-034957
GND2
(2 pins)
DESAT
GND1
(2 pins)
VREF
(5.0 V, 1 %
20 mA)
DATA_IN
DATA_OUT
PWMALT
Serial
comm
Serial
comm
Logic block 2
Fault management,
conf. registers,
fault registers, gate
control logic,
ASIL test control
AMUX and
10-bit ADC
GL
CLAMP
ISENSE
TEMP PWR
AMUXIN
PWM
INT
TEMP IC
AOUT
Duty cycle
encoder
GND2
VCC
FSENB
VDD
Gate drive
control
Deadtime
control
Safing
logic
Active VCE,
clamp, desat
Charge and
discharge
control
Active Miller
clamp
Current Mirror
sense
SiC temp
sense
Power
management 1
VDDLV, bandgap,
references,
oscillators,
UV/OVLO, etc...
Power
management 2
VCCHV, VCCREG
LDO, bandgap,
references,
oscillators,
UV/OVLO, etc...
NC2
FSISO
INTB,
INTA/
VCEMON/
VGEMON
RX
RX
TX
TX
RX
TX
TX
RX
VCCREG
VEE
Figure 2. Internal block diagram
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
6 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com