Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 61Page - NXP Semiconductors GD3160 Datasheet HTML 62Page - NXP Semiconductors GD3160 Datasheet HTML 63Page - NXP Semiconductors GD3160 Datasheet HTML 64Page - NXP Semiconductors GD3160 Datasheet HTML 65Page - NXP Semiconductors GD3160 Datasheet HTML 66Page - NXP Semiconductors GD3160 Datasheet HTML 67Page - NXP Semiconductors GD3160 Datasheet HTML 68Page - NXP Semiconductors GD3160 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
Figure 31. INTA as a real-time VGE reporter
When the gate voltage has surpassed VGEON_TH, the gate monitor circuitry interprets this as ON status,
and INTA is actively pulled to logic high. When the gate falls below VAMC_TH, the gate monitor circuitry
interprets an OFF status and INTA is pulled to logic low. The delay between gate voltage passing thresholds is a
maximum 240 ns, represented by tRTRPT_DLY in Figure 31.
11.10 Power device overtemperature detection circuitry
11.10.1 Introduction
Directly monitoring the power device's temperature provides four advantages.
The first benefit is that the IGBT (and the system) can be protected against catastrophic IGBT failure from
excessive temperature or a violation of its safe operating area at elevated temperature.
The second benefit is that the inverter need not be unnecessarily derated at high power because the IGBT's
temperature is not known. Monitoring the IGBT's die temperature allows the controller to continue operating at
conditions that might otherwise risk failure.
The third benefit is that the IGBT's temperature can be monitored for long term wear out mechanisms.
The fourth benefit is that the OTW signal allows the system to respond to unexpectedly high temperature before
an OTSD fault triggers shutdown autonomously, which may not be desired.
11.10.2 Features
The features of the overtemperature detection circuitry are:
• Accurate current source available to drive temperature sense diodes, or disabled for thermistor-based
measurements
• A 10-bit ADC to monitor the voltage across the temperature sense element
• On-the-fly programmable overtemperature and overtemperature warning thresholds
• 2.0 ms filters for overtemperature and OT warning
• 10-bit temperature value provided in the SPI temperature register and available as a duty cycle encoded
signal at the AOUT pin
• Configurable gain and offset parameters to increase dynamic range of temperature measurements
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
65 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com