| Electronic Components Datasheet Search |
|
GD3160 Datasheet(PDF) 84 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
GD3160 Datasheet(HTML) 84 Page - NXP Semiconductors |
|
84 / 114 page ![]() NXP Semiconductors GD3160 Advanced IGBT/SiC gate driver Bit Logic 0 = masked Logic 1 = not masked VSUPOVM PWMing remains enabled, fault not latched or reported. PWM disabled. GL = 1, AMC = 1 if enabled. OTSDM PWMing remains enabled, OTSD fault not latched or reported. Temp reported in ADCVAL and AOUT. PWM disabled. GL = 1, AMC = 1 if enabled. OTWM PWMing remains enabled, OTW fault not latched or reported. Temp reported in ADCVAL. PWM enabled. CLAMPM PWMing remains enabled, fault not latched or reported. PWM disabled. GL = 1, AMC = 1 if enabled. OCM No mask. PWM enabled. Table 50. MSK1 register description...continued [1] At power up, a VCCREGUV fault should not be latched or reported. The UV_LATCH bit (in CONFIG1) allows PWMing if the VCCREG supply recovers from an UV condition. INTB follows fault condition. SPI bit is latched. 11.14.14 RMSK1 register (ADDR = 0x0D) The RMSK1 register values determine which interrupt pin (either INTB or INTA) an unmasked fault is to be reported. A value of '0' reports the fault to INTB, and a value of '1' reports the fault to INTA. Recall that for INTA to be configured as a fault pin, the RTRPT bit must be set accordingly in the MODE2 register. Rb/ W ADDR [4:0] DATA9 DATA8 DATA7 DATA6 DATA5 DATA4 DATA3 DATA2 DATA1 DATA0 CRC Bit # [23] [22:18] [17] [16] [15] [14] [13] [12] [11] [10] [9] [8] [7:0] Name/Value 0/1 0x0D VCCOVA VCCREGUVA VSUPOVA OTSD_ICA OTSDA OTWA CLAMPA DESATA SCA OCA — Write locked in normal mode — — yes yes yes yes yes yes yes yes yes yes — Default — — 0 0 0 0 1 0 0 1 1 0 — Table 51. RMSK1 register bit readout Bit Bit function Logic 0 Logic 1 VCCOVA Select INTx pin to report VCCOV fault to Report fault on INTB [1] Report fault on INTA VCCREGUVA Select INTx pin to report VCCREGUV fault to Report fault on INTB [1] Report fault on INTA VSUPOVA Select INTx pin to report VSUPOV fault to Report fault on INTB [1] Report fault on INTA OTSD_ICA Select INTx pin to report OTSD_IC fault to Report fault on INTB [1] Report fault on INTA OTSDA Select INTx pin to report OTSD fault to Report fault on INTB Report fault on INTA [1] OTWA Select INTx pin to report OTW fault to Report fault on INTB [1] Report fault on INTA CLAMPA Select INTx pin to report CLAMP fault to Report fault on INTB [1] Report fault on INTA DESATA Select INTx pin to report DESAT fault to Report fault on INTB Report fault on INTA [1] SCA Select INTx pin to report SC fault to Report fault on INTB Report fault on INTA [1] OCA Select INTx pin to report OC fault to Report fault on INTB [1] Report fault on INTA [1] Default value 11.14.15 STATUS2 register (ADDR = 0x0E) The STATUS2 register details fault status. Fault bits are cleared on power up, and if not masked, upon a fault the corresponding fault bit is set to '1' and latched. Write '1' operations to the STATUS2 register are used to clear latched faults and return the device to normal functionality. GD3160 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 13 — 6 May 2024 84 / 114 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |