Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 75Page - NXP Semiconductors GD3160 Datasheet HTML 76Page - NXP Semiconductors GD3160 Datasheet HTML 77Page - NXP Semiconductors GD3160 Datasheet HTML 78Page - NXP Semiconductors GD3160 Datasheet HTML 79Page - NXP Semiconductors GD3160 Datasheet HTML 80Page - NXP Semiconductors GD3160 Datasheet HTML 81Page - NXP Semiconductors GD3160 Datasheet HTML 82Page - NXP Semiconductors GD3160 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
Rb/W
ADDR
[4:0]
DATA9
DATA8
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
CRC
Bit #
[23]
[22:18]
[17]
[16]
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7:0]
Name/Value
0/1
0x05
DESAT_
FLT [1]
DESAT_
FLT [0]
SEGDRV_
TH [2]
SEGDRV_
TH [1]
SEGDRV_
TH [0]
IDESAT
[1]
IDESAT
[0]
DESAT_
LEB [2]
DESAT_
LEB [1]
DESAT_
LEB [0]
—
Write locked
in normal
mode
—
—
yes
yes
no
no
no
yes
yes
yes
yes
yes
—
Default
—
—
0
1
0
1
1
0
1
0
1
1
—
Table 37. CONFIG4 register bit readout
Bit value [2:0]
Desaturation detection
filter time
DESAT_FLT[1:0]
Segmented drive
voltage threshold
SEGDRV_TH[2:0]
Charge current for
desaturation detection
IDESAT[1:0]
Desaturation detection
leading edge blanking time
DESAT_LEB[2:0]
0x00
70.0 ns
3.0 V
250 µA
60 ns
0x01
110.0 ns [1]
4.0 V
500 µA [1]
120 ns
0x02
190.0 ns
5.0 V
750 µA
180 ns
0x03
300.0 ns
6.0 V [1]
1000 µA
240 ns [1]
0x04
—
7.0 V
—
340 ns
0x05
—
8.0 V
—
460 ns
0x06
—
9.0 V
—
580 ns
0x07
—
10.0 V
—
700 ns
Table 38. CONFIG4 parameter ranges
[1]
Default value
11.14.7 CONFIG5 register (ADDR = 0x06)
The CONFIG5 register contains selectable ranges for mandatory PWM deadtime, distribution of results on
AOUT and die-to-die communication error tracking. The AOUTCONF bit determines the ratio of readings from
the power device temperature (TSENSEA) vs. quantity determined by AOUT_SEL (including AMUXIN, VCC,
VCCREG, VEE, and others) as reported over the AOUT pin.
Rb/W
ADDR
[4:0]
DATA9
DATA8
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
CRC
Bit #
[23]
[22:18]
[17]
[16]
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7:0]
Name/Value
0/1
0x06
DEADT [3] DEADT [2] DEADT [1] DEADT [0]
—
AOUT
CONF [1]
AOUT
CONF [0]
COMERR
CONF [2]
COMERR
CONF [1]
COMERR
CONF [0]
—
Write locked
in normal
mode
—
—
yes
yes
yes
yes
—
yes
yes
yes
yes
yes
—
Default
—
—
1
1
1
1
0
0
0
1
1
0
—
Table 39. CONFIG5 register
Bit value
[3:0]
PWM deadtime
DEADT[3:0] + TIME_2 = 0[1]
PWM deadtime
DEADT[3:0] + TIME_2 = 1[1]
TSENSEA vs. AOUT_SEL
readings ratio at AOUT
AOUTCONF[1:0]
Number of errors to set a
COMERR fault
COMERRCONF[2:1]
Number of valid messages to
decrement COMERR counter
COMERRCONF[0]
0x00
0.16 µs
0.10 µs
1/1 [2]
4
1 [2]
0x01
0.24 µs
0.14 µs
1/2
8
4
0x02
0.44 µs
0.24 µs
1/4
16
—
0x03
0.76 µs
0.40 µs
1/8
32 [2]
—
0x04
1.04 µs
0.54 µs
—
—
—
0x05
1.52 µs
0.78 µs
—
—
—
0x06
2.04 µs
1.04 µs
—
—
—
0x07
2.52 µs
1.28 µs
—
—
—
Table 40. CONFIG5 parameter ranges
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
79 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com