Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 85Page - NXP Semiconductors GD3160 Datasheet HTML 86Page - NXP Semiconductors GD3160 Datasheet HTML 87Page - NXP Semiconductors GD3160 Datasheet HTML 88Page - NXP Semiconductors GD3160 Datasheet HTML 89Page - NXP Semiconductors GD3160 Datasheet HTML 90Page - NXP Semiconductors GD3160 Datasheet HTML 91Page - NXP Semiconductors GD3160 Datasheet HTML 92Page - NXP Semiconductors GD3160 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
Bit value [1:0]
ITSNS[1:0]
TOFST[1:0]
AMUXINOS[1]
AOUT_SEL[1:0]
0x00
0.25 mA
0.0 V[1]
0.0 V[1]
VCCREG
0x01
0.50 mA
0.5 V
0.5 V
AMUXIN
0x02
0.75 mA
1.0 V
1.0 V
VCC
0x03
1.00 mA[1]
1.5 V
1.5 V
VEE
Table 61. CONFIGAOUT parametric ranges
[1]
Default value
11.14.20 ADC request and response (ADDR = 0x13)
The REQADC command will convert the requested quantity and respond with the result over SPI. The
REQADC request is delivered as a "read" command (leading MSB = 0), with the four LSBs indicating the
quantity to be read, given in Table 63. A REQADC command/request delivered as a write (leading MSB = 1)
is an invalid command and ignored. The REQADC response includes the identical address as the command
(ADDR[4:0] = 0x13) followed by the 10-bit data.
Rb/W
ADDR
[4:0]
DATA9
DATA8
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
CRC
Bit #
[23]
[22:18]
[17]
[16]
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7:0]
REQADC
(request)
0
0x13
—
—
—
—
—
—
AMUX_
SEL [3]
AMUX_
SEL [2]
AMUX_
SEL [1]
AMUX_
SEL [0]
—
REQADC
(response)
0
0x13
ADCVAL
[9]
ADCVAL
[8]
ADCVAL
[7]
ADCVAL
[6]
ADCVAL
[5]
ADCVAL
[4]
ADCVAL
[3]
ADCVAL
[2]
ADCVAL
[1]
ADCVAL
[0]
—
Table 62. REQADC request and response bit readout
AMUX_SEL[3:0]
AMUX selection reported in REQADC response
Other relevant settings
0x00
VCCREG
—
0x01
AMUXIN
• AMUXINOS[1:0]
• AMUXINRNG
0x02
VCC
—
0x03
VEE
—
0x04
Power device temperature
• ITSNS[1:0]
• TRNG
• TOFST[1:0]
0x05
Die temperature (GH)
—
0x06 – 0x0F
Not used
—
Table 63. REQADC request selections
See Section 11.12.2 for further information interpreting post-converted results.
11.14.21 BIST request and response (ADDR = 0x14)
The REQBIST command reads and reports the results of the latest built-in self-test (BIST) critical for safety-
critical, high ASIL-level applications. After completing BIST, send a REQBIST command to elaborate on the
result. A circuit passing BIST receives a REQBIST = 0 bit value, a failed circuit is indicated by a REQBIST =
1 bit value. Unlike the BIST itself, the REQBIST request does not need to be initiated while the GD3160 is in
configuration mode. REQBIST bits persist until a new BIST is conducted or POR occurs. SPI is inactive while
the BIST is running.
For other details on the BIST operation, see Section 11.16. For a recommended BIST procedure, see
Section 12.2.
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
89 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com