Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 5 Page - NXP Semiconductors

  GD3160 Datasheet HTML 1Page - NXP Semiconductors GD3160 Datasheet HTML 2Page - NXP Semiconductors GD3160 Datasheet HTML 3Page - NXP Semiconductors GD3160 Datasheet HTML 4Page - NXP Semiconductors GD3160 Datasheet HTML 5Page - NXP Semiconductors GD3160 Datasheet HTML 6Page - NXP Semiconductors GD3160 Datasheet HTML 7Page - NXP Semiconductors GD3160 Datasheet HTML 8Page - NXP Semiconductors GD3160 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
5 Ordering information
Part number [1]
VDD
External clearance and
creepage distance [2]
Material
(isolation)
group [3]
FSISO option (Gate
state when FSISO is
activated)
Temperature (TJ) Package
MGD3160AM515EK
5.0 V
> 7.72 mm
II
Gate ON
MGD3160AM518EK
5.0 V
> 8.0 mm
I
Gate ON
MGD3160AM535EK
5.0 V
> 7.72 mm
II
Gate 3-STATE
MGD3160AM538EK
5.0 V
> 8.0 mm
I
Gate 3-STATE
MGD3160AM315EK
3.3 V
> 7.72 mm
II
Gate ON
MGD3160AM318EK
3.3V
> 8.0 mm
I
Gate ON
MGD3160AM335EK
3.3 V
> 7.72 mm
II
Gate 3-STATE
MGD3160AM338EK
3.3 V
> 8.0 mm
I
Gate 3-STATE
−40 °C to 150 °C
32-pin wide body SOIC,
0.65 mm pitch
Table 1. Orderable part variations
[1]
To order parts in tape and reel, add the R2 suffix to the part number. To order parts in tray packing, add the T suffix to the part number.
[2]
per IEC 60950-1 Tables 2K and 2N
[3]
per IEC 60664-1
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
5 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com