Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 6Page - NXP Semiconductors GD3160 Datasheet HTML 7Page - NXP Semiconductors GD3160 Datasheet HTML 8Page - NXP Semiconductors GD3160 Datasheet HTML 9Page - NXP Semiconductors GD3160 Datasheet HTML 10Page - NXP Semiconductors GD3160 Datasheet HTML 11Page - NXP Semiconductors GD3160 Datasheet HTML 12Page - NXP Semiconductors GD3160 Datasheet HTML 13Page - NXP Semiconductors GD3160 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
All voltages referenced to GND1 (LV domain) or GND2 (HV domain). Currents are positive into and negative out of the specified pins.
Symbol
Description (Rating)
Min
Max
Unit
IVCCREG
VCCREG output current
—
–100
mA
VVREF
VREF voltage
[2]
−0.3
6.0
V
IVREF
VREF output current
—
–20
mA
Logic pins
VIN
Logic input pin voltage (FSSTATE, FSENB, PWM,
PWMALT, SCLK, CSB, MOSI)
[1]
−0.3
18
V
VOUT
Logic output pin voltage (MISO, INTB, INTA, AOUT)
[1]
−0.3
VVDD + 0.3 V
V
VINTB
INTB voltage
[1]
-0.3
6.3
V
VFSISO
Logic input pin voltage (FSISO)
[2]
−0.3
6.3
V
Gate drive output stage
VGH
GH voltage
[2]
VEE − 0.3
VVCCREG + 0.3 V
V
VGL
GL voltage
[2]
VEE − 0.3
VVCCREG + 0.3 V
V
VAMC
AMC voltage
[2]
VEE − 0.3
VVCCREG + 0.3 V
V
ISOURCEMAX
GH max. source current
[3]
—
–15
A
ISINKMAX
GL, AMC max. sink current
[3]
—
15
A
VCLAMP
CLAMP voltage
[2]
VEE − 0.3
VVCC + 0.3 V
V
VDESAT
DESAT voltage
[2]
−0.3
VVCC + 0.3 V
V
Temperature sense pin
VTSENSEA
TSENSEA voltage
[2]
−0.3
6.0
V
Interrupt pins
IINTA
Open drain DC output current
[4]
—
–20
mA
IINTB
Open drain DC output current
[4]
—
–20
mA
ISENSE sense pin
VISENSE
ISENSE voltage
[2]
−2.0
VVCC + 0.3 V
V
AMUXIN pin[5]
VAMUXIN
AMUXIN voltage
[2]
−0.3
6.0
V
ESD ratings
VESDHBM
ESD voltage (HBM)
All pins
[6]
−2.0
2.0
kV
VESDCDM
ESD voltage (CDM)
Corner pins
Other pins
[7]
−750
−500
750
500
V
VESDModule
ESD voltage (module level)
VSUP, GND1, GND2 pins
[8]
−8.0
8.0
kV
Immunity
dVISO/dt
Common mode transient immunity
[9]
—
100
V/ns
PWM frequency
fPWMMAX
Maximum switching frequency
—
100
kHz
Table 4. Absolute maximum ratings...continued
[1]
Ref = GND1
[2]
Ref = GND2
[3]
50 %, 100 nF, 10 kHz
[4]
VINTB, VINTA < 1.0 V
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
10 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com