Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 83Page - NXP Semiconductors GD3160 Datasheet HTML 84Page - NXP Semiconductors GD3160 Datasheet HTML 85Page - NXP Semiconductors GD3160 Datasheet HTML 86Page - NXP Semiconductors GD3160 Datasheet HTML 87Page - NXP Semiconductors GD3160 Datasheet HTML 88Page - NXP Semiconductors GD3160 Datasheet HTML 89Page - NXP Semiconductors GD3160 Datasheet HTML 90Page - NXP Semiconductors GD3160 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
Bit
Bit function
Logic 0
Logic 1
DTFLTA
Select INTx pin to report DTFLT fault to
Report fault on INTB [1]
Report fault on INTA
VREF_UVA
Select INTx pin to report VREF_UV fault to
Report fault on INTB
Report fault on INTA [1]
VEE_OORA
Select INTx pin to report VEE_OOR fault to
Report fault on INTB [1]
Report fault on INTA
[1]
Default value
11.14.18 STATUS3 register (ADDR = 0x11)
The STATUS3 pin reports critical GD3160 control and status pin states, after deglitch. The MCU can monitor
pin state bits (i.e. PWM, PWMALT, FSSTATE, FSENB) to check circuit integrity. A change in the deglitched logic
pin state is reflected in the corresponding bit within 1 µs. The POR recovery bits (POR_1, POR_2) will only
read '1' following a POR event or after BIST operation; they will read '0' following a software reset command or
after writing a '1' to these bits. If INTA is configured to report faults, the INTA and VRTMON may report different
values.
Rb/W
ADDR
[4:0]
DATA9
DATA8
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
CRC
Bit #
[23]
[22:18]
[17]
[16]
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7:0]
Name/Value
0/1
0x11
POR_1
POR_2
FSISO
PWM
PWMALT
FSSTATE
FSENB
INTB
INTA
VRTMON
—
Default
—
—
1
1
—
—
—
—
—
—
—
—
—
Table 57. STATUS3 register
Bit
Bit function
Logic 0
Logic 1
POR_1
Report LV die recovery from POR
LV die POR recovery bit has been cleared
Notification of LV die recovery from POR
POR_2
Report HV die recovery from POR
HV die POR recovery bit has been cleared
Notification of HV die recovery from POR
FSISO
Report FSISO pin state
FSISO pin is logic low
FSISO pin is logic high
PWM
Report PWM pin state
PWM pin is logic low
PWM pin is logic high
PWMALT
Report PWMALT pin state
PWMALT pin is logic low
PWMALT pin is logic high
FSSTATE
Report FSSTATE pin state
FSSTATE pin is logic low
FSSTATE pin is logic high
FSENB
Report FSENB pin state
FSENB pin is logic low
FSENB pin is logic high
INTB
Report INTB pin state
INTB pin is logic low
INTB pin is logic high
INTA
Report INTA pin state
INTA pin is logic low
INTA pin is logic high
VRTMON
Report the state of the quantity under
real-time monitoring/reporting (VGE)
or reporting (VCE):
• When RTMON_CFG= 0: VGE
• When RTMON_CFG = 1: VCE
[1] [2]
VGE: VGE is low (power device is OFF)
VCE: VCE is high (power device is OFF)
VGE: VGE is high (power device is ON)
VCE: VCE is low (power device is ON)
Table 58. STATUS3 register description
[1]
By default, VRTMON reports the VGE state. This is due to the default RTMON_CFG = 0 in the MODE2 register.
[2]
The RTMON_CFG bit in MODE2 determines the quantity to report to the VTRMON. This must be changed during CONFIG mode.
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
87 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com